Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL602-35 Datasheet(PDF) 7 Page - PhaseLink Corporation

Part # PLL602-35
Description  750kHz -800MHz Low Phase Noise Multiplier XO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-35 Datasheet(HTML) 7 Page - PhaseLink Corporation

  PLL602-35 Datasheet HTML 1Page - PhaseLink Corporation PLL602-35 Datasheet HTML 2Page - PhaseLink Corporation PLL602-35 Datasheet HTML 3Page - PhaseLink Corporation PLL602-35 Datasheet HTML 4Page - PhaseLink Corporation PLL602-35 Datasheet HTML 5Page - PhaseLink Corporation PLL602-35 Datasheet HTML 6Page - PhaseLink Corporation PLL602-35 Datasheet HTML 7Page - PhaseLink Corporation PLL602-35 Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PLL602-35/-37/-38/-39
750kHz – 800MHz Low Phase Noise Multiplier XO
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 7
PACKAGE INFORMATION
C
L
A
EH
D
A1
e
B
16 PIN TSSOP ( mm )
Symbol
Min.
Max.
A-
1.20
A1
0.05
0.15
B0.19
0.30
C0.09
0.20
D4.90
5.10
E4.30
4.50
H
6.40 BSC
L0.45
0.75
e
0.65 BSC
3x3mm QFN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com