Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL602-35 Datasheet(PDF) 8 Page - PhaseLink Corporation

Part # PLL602-35
Description  750kHz -800MHz Low Phase Noise Multiplier XO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-35 Datasheet(HTML) 8 Page - PhaseLink Corporation

  PLL602-35 Datasheet HTML 1Page - PhaseLink Corporation PLL602-35 Datasheet HTML 2Page - PhaseLink Corporation PLL602-35 Datasheet HTML 3Page - PhaseLink Corporation PLL602-35 Datasheet HTML 4Page - PhaseLink Corporation PLL602-35 Datasheet HTML 5Page - PhaseLink Corporation PLL602-35 Datasheet HTML 6Page - PhaseLink Corporation PLL602-35 Datasheet HTML 7Page - PhaseLink Corporation PLL602-35 Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PLL602-35/-37/-38/-39
750kHz – 800MHz Low Phase Noise Multiplier XO
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 8
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex-
press written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL602-3X X C X X
Order Number
Marking
Package Option
Order Number
Marking
Package Option
PLL602-35OC-R
PLL602-35OC TSSOP - Tape and Reel
PLL602-38OC-R
PLL602-38OC TSSOP - Tape and Reel
PLL602-35OC
PLL602-35OC TSSOP – Tube
PLL602-38OC
PLL602-38OC TSSOP – Tube
PLL602-35QC-R
PLL602-35QC QFN - Tape and Reel
PLL602-38QC-R
PLL602-38QC QFN - Tape and Reel
PLL602-35QC
PLL602-35QC QFN – Tube
PLL602-38QC
PLL602-38QC QFN – Tube
PLL602-35OCL-R
PLL602-35OCL TSSOP - Tape and Reel (GREEN)
PLL602-38OCL-R PLL602-38OCL TSSOP - Tape and Reel (GREEN)
PLL602-35OCL
PLL602-35OCL TSSOP – Tube (GREEN)
PLL602-38OCL
PLL602-38OCL TSSOP – Tube (GREEN)
PLL602-35QCL-R
PLL602-35QCL QFN - Tape and Reel (GREEN)
PLL602-38QCL-R PLL602-38QCL QFN - Tape and Reel (GREEN)
PLL602-35QCL
PLL602-35QCL QFN – Tube (GREEN)
PLL602-38QCL
PLL602-38QCL QFN – Tube (GREEN)
PLL602-37OC-R
PLL602-37OC TSSOP - Tape and Reel
PLL602-39OC-R
PLL602-39OC TSSOP - Tape and Reel
PLL602-37OC
PLL602-37OC TSSOP – Tube
PLL602-39OC
PLL602-39OC TSSOP – Tube
PLL602-37QC-R
PLL602-37QC QFN - Tape and Reel
PLL602-39QC-R
PLL602-39QC QFN - Tape and Reel
PLL602-37QC
PLL602-37QC QFN – Tube
PLL602-39QC
PLL602-39QC QFN - Tube
PLL602-37OCL-R
PLL602-37OCL TSSOP - Tape and Reel (GREEN)
PLL602-39OCL-R PLL602-39OCL TSSOP - Tape and Reel (GREEN)
PLL602-37OCL
PLL602-37OCL TSSOP – Tube (GREEN)
PLL602-39OCL
PLL602-39OCL TSSOP – Tube (GREEN)
PLL602-37QCL-R
PLL602-37QCL QFN - Tape and Reel (GREEN)
PLL602-39QCL-R PLL602-39QCL QFN - Tape and Reel (GREEN)
PLL602-37QCL
PLL602-37QCL QFN – Tube (GREEN)
PLL602-39QCL
PLL602-39QCL QFN – Tube (GREEN)
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I= INDUSTRIAL
PACKAGE TYPE
O=TSSOP
Q=QFN
NONE= NORMAL PACKAGE
L= GREEN PACKAGE
NONE= TUBE
R= TAPE AND REEL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com