Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL103-01XM Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PLL103-01XM
Description  Low Skew Buffers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL103-01XM Datasheet(HTML) 5 Page - PhaseLink Corporation

  PLL103-01XM Datasheet HTML 1Page - PhaseLink Corporation PLL103-01XM Datasheet HTML 2Page - PhaseLink Corporation PLL103-01XM Datasheet HTML 3Page - PhaseLink Corporation PLL103-01XM Datasheet HTML 4Page - PhaseLink Corporation PLL103-01XM Datasheet HTML 5Page - PhaseLink Corporation PLL103-01XM Datasheet HTML 6Page - PhaseLink Corporation PLL103-01XM Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PLL103-01
Low Skew Buffers
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 03/08/00 Page 5
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
VSS
-0.5
7.0
V
Input Voltage, dc
VI
VSS
-0.5
VDD
+0.5
V
Output Voltage, dc
VO
VSS
-0.5
VDD
+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature
TA
0
70
°C
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
2. AC/DC Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input High Current
IIH
VIN = VDD
5
uA
IIL
VIN
=0V; with no pull-up resistors
uA
Input Low Current
IIL
VIN
=0V; with 100k pull-up resistors
uA
Input High Voltage
VIH
2
VDD
+0.3
V
Input Low Voltage
VIL
VSS
−0.3
0.8
V
Input Frequency
FIN
VDD
=3.3V; All outputs loaded
10
150
Mhz
Input Capacitance
CIN
Logic Inputs
5
PF
IDD1
CL
= 0pf @ 66MHz
80
120
mA
IDD2
CL
= 0pf @ 100MHz
120
180
mA
IDD3
CL
= 30pf; RS= 33
Ω @ 66MHz
180
260
mA
IDD4
CL
= 30pf; RS= 33
Ω @ 100MHz
240
360
mA
Operating Supply
Current
IDD5
Stopped, input at 0 or VDD
500
uA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com