Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL103-01XM Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL103-01XM
Description  Low Skew Buffers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL103-01XM Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL103-01XM Datasheet HTML 1Page - PhaseLink Corporation PLL103-01XM Datasheet HTML 2Page - PhaseLink Corporation PLL103-01XM Datasheet HTML 3Page - PhaseLink Corporation PLL103-01XM Datasheet HTML 4Page - PhaseLink Corporation PLL103-01XM Datasheet HTML 5Page - PhaseLink Corporation PLL103-01XM Datasheet HTML 6Page - PhaseLink Corporation PLL103-01XM Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PLL103-01
Low Skew Buffers
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 03/08/00 Page 1
FEATURES
• Generate 18 copies of High-speed clock inputs.
• Supports up to four SDRAM DIMMS synchronous
clocks.
• Supports 2-wire I2C serial bus interface with
readback.
• 50% duty cycle with low jitter.
• Less than 5ns delay.
• Skew between any outputs is less than 250 ps.
• Tri-state pin for testing.
• Frequency up to 133 MHZ.
• 3.0V-3.7V Supply range.
• 48-pin SSOP package.
BLOCK DIAGRAM
PIN CONFIGURATION
Note: ^: pull up
POWER GROUP
• VDD: SDRAM( 0:17 )
• VDD1: I2C Circuitry
GROUND GROUP
• GND: SDRAM( 0:17 )
• GND1: I2C Circuitry
KEY SPECIFICATIONS
• BUFIN to SDRAM outputs Delay: 1 ~ 5 ns.
• Output Slew: ≥1.5 V/ns.
• Output Skew: ±250 ps.
• Output Duty Cycle: 50% ± 5%.
GND
VDD
GND
SDRAM7
SDRAM6
VDD
GND
SDRAM5
VDD
BUF_IN
SDRAM3
SDRAM2
VDD
SDRAM1
SDRAM0
VDD
N/C
N/C
SDATA
VDD1
SDRAM16
GND
VDD
SDRAM13
SDRAM12
GND
OE^
VDD
SDRAM11
SDRAM10
GND
VDD
SDRAM9
N/C
N/C
VDD
SDRAM15
SDRAM14
GND
SDRAM8
SDRAM17
GND
VDD
GND1
SCLK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
41
42
44
43
45
46
47
48
SDRAM4
GND
GND
BUF_IN
SDATA
SCLK
I2C
Control
OE
SDRAM0
SDRAM1
SDRAM2
SDRAM3
SDRAM4
SDRAM5
SDRAM6
SDRAM7
SDRAM8
SDRAM9
SDRAM10
SDRAM11
SDRAM12
SDRAM13
SDRAM14
SDRAM15
SDRAM16
SDRAM17


Similar Part No. - PLL103-01XM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02 PLL-PLL103-02 Datasheet
178Kb / 6P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
List of Unclassifed Man...
PLL103-02XC ETC1-PLL103-02XC Datasheet
208Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02XC PLL-PLL103-02XC Datasheet
147Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results

Similar Description - PLL103-01XM

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9179-03 ICST-ICS9179-03 Datasheet
298Kb / 10P
Low Skew Fan Out Buffers
Rev H 10/16/00
ICS9179B-01 ICST-ICS9179B-01 Datasheet
559Kb / 9P
Low Skew Buffers
Rev C 05/18/98
logo
Pericom Semiconductor C...
PI6C9911 PERICOM-PI6C9911 Datasheet
643Kb / 9P
5V High-Speed Programmable Skew Clock Buffers
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
Low Skew Output Buffer
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
Low Skew Output Buffer
PLL103-11 PLL-PLL103-11 Datasheet
147Kb / 7P
Low Skew Buffers
logo
Integrated Circuit Syst...
ICS8547 ICST-ICS8547 Datasheet
119Kb / 12P
HEX, LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVDS CLOCK BUFFERS
REV. A FEBRUARY 4, 2003
logo
List of Unclassifed Man...
QS5244 ETC1-QS5244 Datasheet
227Kb / 4P
LOW SKEW CMOS 8-BIT BUFFERS / LINE DRIVERS
logo
Abracon Corporation
ABB0210 ABRACON-ABB0210 Datasheet
57Kb / 6P
Low Skew Output Buffer
logo
Renesas Technology Corp
ICS9179-03 RENESAS-ICS9179-03 Datasheet
598Kb / 12P
Low Skew Fan Out Buffers
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com