Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL103-11 Datasheet (PDF) - PhaseLink Corporation

PLL103-11 Datasheet PDF - PhaseLink Corporation
Part # PLL103-11
Download  PLL103-11 Download
File Size   147.69 Kbytes
Page   7 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description Low Skew Buffers

PLL103-11 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLL103-11 Datasheet PDF - PhaseLink Corporation

Part # PLL103-11
Download  PLL103-11 Click to download

File Size   147.69 Kbytes
Page   7 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description Low Skew Buffers

PLL103-11 Datasheet (HTML) - PhaseLink Corporation


PLL103-11 Product details

FEATURES
• Generates 13 copies of High-speed clock inputs.
• Supports up to three SDRAM DIMMS synchronous clocks.
• Supports 2-wire I2C serial bus interface with readback.
• 50% duty cycle with low jitter.
• Less than 5ns delay.
• Skew between any outputs is less than 250 ps.
• Tri-state pin for testing.
• Frequency up to 150 MHz.
• 3.0V-3.7V Supply range.
• Available in 28-pin 300mil SOIC package.




Similar Part No. - PLL103-11

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL103-01 PLL-PLL103-01 Datasheet
69Kb / 7P
Low Skew Buffers
PLL103-01XC PLL-PLL103-01XC Datasheet
69Kb / 7P
Low Skew Buffers
PLL103-01XI PLL-PLL103-01XI Datasheet
69Kb / 7P
Low Skew Buffers
PLL103-01XM PLL-PLL103-01XM Datasheet
69Kb / 7P
Low Skew Buffers
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results


Similar Description - PLL103-11

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9179-03 ICST-ICS9179-03 Datasheet
298Kb / 10P
Low Skew Fan Out Buffers
Rev H 10/16/00
ICS9179B-01 ICST-ICS9179B-01 Datasheet
559Kb / 9P
Low Skew Buffers
Rev C 05/18/98
logo
Pericom Semiconductor C...
PI6C9911 PERICOM-PI6C9911 Datasheet
643Kb / 9P
5V High-Speed Programmable Skew Clock Buffers
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
Low Skew Output Buffer
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
Low Skew Output Buffer
PLL103-01 PLL-PLL103-01 Datasheet
69Kb / 7P
Low Skew Buffers
logo
Integrated Circuit Syst...
ICS8547 ICST-ICS8547 Datasheet
119Kb / 12P
HEX, LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVDS CLOCK BUFFERS
REV. A FEBRUARY 4, 2003
logo
List of Unclassifed Man...
QS5244 ETC1-QS5244 Datasheet
227Kb / 4P
LOW SKEW CMOS 8-BIT BUFFERS / LINE DRIVERS
logo
Abracon Corporation
ABB0210 ABRACON-ABB0210 Datasheet
57Kb / 6P
Low Skew Output Buffer
logo
Renesas Technology Corp
ICS9179-03 RENESAS-ICS9179-03 Datasheet
598Kb / 12P
Low Skew Fan Out Buffers
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com