Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9179-03 Datasheet (PDF) - Renesas Technology Corp

ICS9179-03 Datasheet PDF - Renesas Technology Corp
Part # ICS9179-03
Download  ICS9179-03 Download
File Size   598.4 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew Fan Out Buffers

ICS9179-03 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9179-03 Datasheet PDF - Renesas Technology Corp

Part # ICS9179-03
Download  ICS9179-03 Click to download

File Size   598.4 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew Fan Out Buffers

ICS9179-03 Datasheet (HTML) - Renesas Technology Corp


ICS9179-03 Product details

Features
• Ten High speed, low noise non-inverting buffers for (to
133MHz), clock buffer applications.
• Output slew rate faster than 1.5V/ns into 20pF
• Supports up to four small outline DIMMS (S.O. DIMM).
• Synchronous clocks skew matched to 250ps window on
OUTPUTs (0:9).
• I2C Serial Configuration interface to allow individual
OUTPUTs to be stopped low.
• Multiple VDD, VSS pins for noise reduction
• Tri-state pin for testing
• 3.0V – 3.7V supply range
• 28-pin (209 mil) SSOP and (6.1mm) TSSOP package




Similar Part No. - ICS9179-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9179-03 ICST-ICS9179-03 Datasheet
298Kb / 10P
Low Skew Fan Out Buffers
Rev H 10/16/00
More results


Similar Description - ICS9179-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9179-03 ICST-ICS9179-03 Datasheet
298Kb / 10P
Low Skew Fan Out Buffers
Rev H 10/16/00
ICS9179B-01 ICST-ICS9179B-01 Datasheet
559Kb / 9P
Low Skew Buffers
Rev C 05/18/98
logo
PhaseLink Corporation
PLL103-01 PLL-PLL103-01 Datasheet
69Kb / 7P
Low Skew Buffers
PLL103-11 PLL-PLL103-11 Datasheet
147Kb / 7P
Low Skew Buffers
logo
List of Unclassifed Man...
QS5244 ETC1-QS5244 Datasheet
227Kb / 4P
LOW SKEW CMOS 8-BIT BUFFERS / LINE DRIVERS
logo
Integrated Device Techn...
ICS9P936 IDT-ICS9P936 Datasheet
194Kb / 12P
Low Skew Dual Bank DDR I/II Fan-out Buffer
logo
Dow-Key Microwave Corpo...
3203 DOW-KEY-3203 Datasheet
397Kb / 1P
VHF-band Fan-Out
3205 DOW-KEY-3205 Datasheet
384Kb / 1P
HF-band Fan-Out
5190 DOW-KEY-5190 Datasheet
386Kb / 1P
L-band Fan-In/Fan-Out
logo
Renesas Technology Corp
ICS9P936 RENESAS-ICS9P936 Datasheet
326Kb / 13P
Low Skew Dual Bank DDR I/II Fan-out Buffer
12/03/09
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com