Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9179B-01 Datasheet (PDF) - Integrated Circuit Systems

ICS9179B-01 Datasheet PDF - Integrated Circuit Systems
Part # ICS9179B-01
Download  ICS9179B-01 Download
File Size   559.46 Kbytes
Page   9 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Skew Buffers

ICS9179B-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9179B-01 Datasheet PDF - Integrated Circuit Systems

Part # ICS9179B-01
Download  ICS9179B-01 Click to download

File Size   559.46 Kbytes
Page   9 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Skew Buffers

ICS9179B-01 Datasheet (HTML) - Integrated Circuit Systems


ICS9179B-01 Product details

General Description
The ICS9179B-01 generates SDRAM clock buffers required for high speed RISC or CISC microprocessor systems such as Intel PentiumPro or Pentium II. An output enable is provided for testability.
The device is a buffer with low output to output skew. This is a Fanout buffer device, not using an internal PLL. This buffer can also be a feedback to an external PLL stage for phase synchronization to a master clock.
The individual clock outputs are addressable through I2C to be enabled, or stopped in a low state for reduced EMI when the lines are not needed.

Features
• High speed, low noise non-inverting (0:17) buffer for SDRAM clock buffer applications.
• Supports up to four SDRAM DIMMS
• Synchronous clocks skew matched to 250ps window on SDRAM.
• I2C Serial Configuration interface to allow individual clocks to be stopped.
• Multiple VDD, VSS pins for noise reduction
• Tri-state pin for testing
• Custom configurations available
• 3.0V - 3.7V supply range
• 48-pin SSOP package




Similar Part No. - ICS9179B-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9179-03 ICST-ICS9179-03 Datasheet
298Kb / 10P
Low Skew Fan Out Buffers
Rev H 10/16/00
logo
Renesas Technology Corp
ICS9179-03 RENESAS-ICS9179-03 Datasheet
598Kb / 12P
Low Skew Fan Out Buffers
2019
logo
Integrated Circuit Syst...
ICS9179-06 ICST-ICS9179-06 Datasheet
496Kb / 8P
Zero Delay Buffers
Rev F 6/22/99
ICS9179-12 ICST-ICS9179-12 Datasheet
277Kb / 9P
3 DIMM Buffer
Rev C 7/16/99
logo
Renesas Technology Corp
ICS9179-12 RENESAS-ICS9179-12 Datasheet
235Kb / 10P
3 DIMM Buffer
2019
More results


Similar Description - ICS9179B-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9179-03 ICST-ICS9179-03 Datasheet
298Kb / 10P
Low Skew Fan Out Buffers
Rev H 10/16/00
logo
Pericom Semiconductor C...
PI6C9911 PERICOM-PI6C9911 Datasheet
643Kb / 9P
5V High-Speed Programmable Skew Clock Buffers
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
Low Skew Output Buffer
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
Low Skew Output Buffer
PLL103-01 PLL-PLL103-01 Datasheet
69Kb / 7P
Low Skew Buffers
PLL103-11 PLL-PLL103-11 Datasheet
147Kb / 7P
Low Skew Buffers
logo
Integrated Circuit Syst...
ICS8547 ICST-ICS8547 Datasheet
119Kb / 12P
HEX, LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVDS CLOCK BUFFERS
REV. A FEBRUARY 4, 2003
logo
List of Unclassifed Man...
QS5244 ETC1-QS5244 Datasheet
227Kb / 4P
LOW SKEW CMOS 8-BIT BUFFERS / LINE DRIVERS
logo
Abracon Corporation
ABB0210 ABRACON-ABB0210 Datasheet
57Kb / 6P
Low Skew Output Buffer
logo
Renesas Technology Corp
ICS9179-03 RENESAS-ICS9179-03 Datasheet
598Kb / 12P
Low Skew Fan Out Buffers
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com