Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9179-06 Datasheet (PDF) - Integrated Circuit Systems

ICS9179-06 Datasheet PDF - Integrated Circuit Systems
Part # ICS9179-06
Download  ICS9179-06 Download
File Size   496.58 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Zero Delay Buffers

ICS9179-06 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9179-06 Datasheet PDF - Integrated Circuit Systems

Part # ICS9179-06
Download  ICS9179-06 Click to download

File Size   496.58 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Zero Delay Buffers

ICS9179-06 Datasheet (HTML) - Integrated Circuit Systems


ICS9179-06 Product details

General Description
The ICS9179-06 generates low skew clock buffers required for high speed RISC or CISC microprocessor systems such as Intel PentiumPro. An output enable is provided for testability.
The device is a buffer with low output to output skew. This is a zero delay buffer device, using an internal PLL. This buffer can be used for phase synchronization to a master clock. With the wide PLL loop BW, this buffer is compatible to Spread Spectrum input clocks from clock generator products such as the ICS9148-27.

Features
• Zero delay buffer, 16 outputs
• Supports up to four SDRAM DIMMS
• Wide PLL loop bandwidth makes this part ideal in Spread Spectrum applications.
• Skew Input to FB_IN –250ps default, with selectable skew -2.7, +2.0, -0.7ns nominal.
• Synchronous clocks skew matched to 250ps window on output.
• 33 to 133MHz input or output frequency.
• I2C Serial Configuration interface to allow individual clocks to be stopped, or selectable delays.
• Multiple VDD, VSS pins for noise reduction
• Slew rate 1.5V/ns into 30pF.
• VDD = 3.3 –5%, 0 to 70°C
• All outputs (0:15) tristate with OE low (FB_OUT stays running).
• 48-Pin SSOP package




Similar Part No. - ICS9179-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9179-03 ICST-ICS9179-03 Datasheet
298Kb / 10P
Low Skew Fan Out Buffers
Rev H 10/16/00
logo
Renesas Technology Corp
ICS9179-03 RENESAS-ICS9179-03 Datasheet
598Kb / 12P
Low Skew Fan Out Buffers
2019
More results


Similar Description - ICS9179-06

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
Zero-Delay Clock Buffer
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
3.3V Zero-Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
3.3V ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY2305C CYPRESS-CY2305C Datasheet
152Kb / 3P
Zero Delay Buffers
logo
Potato Semiconductor Co...
PO74G34A POTATO-PO74G34A Datasheet
474Kb / 6P
HEX BUFFERS/ DELAY ELEMENTS
PO74G34A POTATO-PO74G34A_14 Datasheet
1Mb / 5P
HEX BUFFERS/ DELAY ELEMENTS
logo
Pericom Semiconductor C...
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
Zero-Delay Clock Buffer
logo
Renesas Technology Corp
9DBL02X2 RENESAS-9DBL02X2 Datasheet
1Mb / 32P
2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers
November 30, 2022
9DBL02X3 RENESAS-9DBL02X3 Datasheet
1Mb / 32P
2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
December 9, 2022
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com