Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9179B-01 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9179B-01
Description  Low Skew Buffers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9179B-01 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9179B-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS9179B-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS9179B-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9179B-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9179B-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS9179B-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS9179B-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS9179B-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS9179B-01 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
ICS9179B-01
Pin Descriptions
Power Groups
VDD = Power supply for SDRAM buffer
VDDS = Power supply for I2C circuitry
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
4, 5, 8, 9
SDRAM (0:3)
OUT
SDRAM Byte 0 clock outputs
1
13, 14, 17, 18
SDRAM (4:7)
OUT
SDRAM Byte 1 clock outputs1
31, 32, 35, 36
SDRAM (8:11)
OUT
SDRAM Byte 2 clock outputs
1
40, 41, 44, 45
SDRAM (12:15)
OUT
SDRAM Byte 3 clock outputs
1
21, 28
SDRAM (16:17)
OUT
SDRAM clock outputs useable for feedback.
1
11
BUF_IN
IN
Input for buffers
38
OE
IN
Tri-states all outputs when held LOW. Has internal pull-up.
2
24
SDATA
I/O
Data pin for I
2 C circuitry3
25
SCLK
I/O
Clock pin for I
2 C circuitry3
3, 7, 12, 16, 20,
29, 33, 37, 42, 46
VDD
PWR
3.3V Power supply for SDRAM buffer
6, 10, 15, 19, 22,
27, 30, 34, 39, 43
GND
PWR
Ground for SDRAM buffer
23
VDDS
PWR
3.3V Power supply for I
2 C circuitry
26
GNDS
PWR
Ground for I
2 C circuitry
1, 2, 47, 48
N/C
-
Pins are not internally connected
Notes:
1.
At power up all eighteen SDRAM outputs are enabled and active.
2.
OE has a 100K Ohm internal pull-up resistor to keep all outputs active.
3.
The SDATA and SCLK inputs both also have internal pull-up resistors with values above 100K Ohms as well for
complete platform flexibility.
Ground Groups
GND = Ground for SDRAM buffer
GNDS = Ground for I2C circuitry



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com