Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL103-07 Datasheet(PDF) 5 Page - PhaseLink Corporation

Part # PLL103-07
Description  2 DIMM DDR Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL103-07 Datasheet(HTML) 5 Page - PhaseLink Corporation

  PLL103-07 Datasheet HTML 1Page - PhaseLink Corporation PLL103-07 Datasheet HTML 2Page - PhaseLink Corporation PLL103-07 Datasheet HTML 3Page - PhaseLink Corporation PLL103-07 Datasheet HTML 4Page - PhaseLink Corporation PLL103-07 Datasheet HTML 5Page - PhaseLink Corporation PLL103-07 Datasheet HTML 6Page - PhaseLink Corporation PLL103-07 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Preliminary
PLL103-07
2 DIMM DDR Fanout Buffer
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 01/03/01 Page 5
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
VSS
-0.5
7.0
V
Input Voltage, dc
VI
VSS
-0.5
VDD
+0.5
V
Output Voltage, dc
VO
VSS
-0.5
VDD
+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature
TA
0
70
°C
ESD Voltage
2
KV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
2. Operating Conditions
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD2.5
2.375
2.625
V
Input Capacitance
CIN
5
pF
Output Capacitance
COUT
6
pF
3. Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input High Voltage
VIH
All Inputs except I2C
2.0
VDD+0.3
V
Input Low Voltage
VIL
All inputs except I2C
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
TBM
uA
Input Low Current
IIL
VIN = 0
TBM
uA
Output High
Voltage
VOH
IOL = -12mA,
VDD = 2.375V
1.7
V
Output Low
Voltage
VOL
IOL = 12mA,
VDD = 2.375V
0.6
V
Output High
Current
IOH
VDD = 2.375V, VOUT=1V
-18
-32
mA
Output Low
Current
IOL
VDD = 2.375V, VOUT=1.2V
26
35
mA
Note: TBM: To be measured



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com