Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL103-07 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL103-07
Description  2 DIMM DDR Fanout Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL103-07 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL103-07 Datasheet HTML 1Page - PhaseLink Corporation PLL103-07 Datasheet HTML 2Page - PhaseLink Corporation PLL103-07 Datasheet HTML 3Page - PhaseLink Corporation PLL103-07 Datasheet HTML 4Page - PhaseLink Corporation PLL103-07 Datasheet HTML 5Page - PhaseLink Corporation PLL103-07 Datasheet HTML 6Page - PhaseLink Corporation PLL103-07 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary
PLL103-07
2 DIMM DDR Fanout Buffer
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 01/03/01 Page 1
FEATURES
• Generates 12-output buffers from one input.
• Supports VIA Pro266 DDR chipset.
• Supports up to 2 DDR DIMMS.
• Supports up to 400MHz DDR, SDRAMS.
• One additional output for feedback.
• 6 differential clock distribution.
• Less than 5ns delay.
• Skew between any outputs is less than 100 ps.
• 2.5V Supply range.
• Available in 28-pin SSOP.
BLOCK DIAGRAM
PIN CONFIGURATION
Note: #: Active Low
DESCRIPTIONS
The PLL103-07 is designed as a 2.5V buffer to
distribute high-speed clocks in PC applications. The
device has 12 outputs. These outputs can be
configured to support 2 DDR DIMMs. The PLL103-07
can be used in conjunction with the PLL202-04 or
similar clock synthesizer for the VIA Pro 266 chipset.
28
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
12
DDRC2
VDD2.5
GND
FBOUT
13
14
VDD2.5
DDRT0
DDRC0
GND
DDRT1
DDRC1
VDD2.5
BUF_IN
GND
DDRT2
27
22
21
20
19
18
17
16
15
SCLK
GND
DDRT5
GND
SDATA
DDRC5
VDD2.5
DDRT4
DDRC4
VDD2.5
GND
DDRT3
DDRC3
VDD2.5
BUF_IN
SDATA
SCLK
I2C
Control
DDR0T
DDR0C
DDR1T
DDR1C
DDR2T
DDR2C
DDR3T
DDR3C
DDR4T
DDR4C
DDR5T
DDR5C
FBOUT


Similar Part No. - PLL103-07

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL103-01 PLL-PLL103-01 Datasheet
69Kb / 7P
Low Skew Buffers
PLL103-01XC PLL-PLL103-01XC Datasheet
69Kb / 7P
Low Skew Buffers
PLL103-01XI PLL-PLL103-01XI Datasheet
69Kb / 7P
Low Skew Buffers
PLL103-01XM PLL-PLL103-01XM Datasheet
69Kb / 7P
Low Skew Buffers
logo
List of Unclassifed Man...
PLL103-02 ETC1-PLL103-02 Datasheet
208Kb / 7P
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results

Similar Description - PLL103-07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11 Datasheet
85Kb / 8P
1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
logo
Cypress Semiconductor
W40S11-02 CYPRESS-W40S11-02 Datasheet
167Kb / 11P
SDRAM Buffer - 2 DIMM (Mobile)
September 29, 1999, rev
logo
Integrated Circuit Syst...
ICS93712 ICST-ICS93712 Datasheet
388Kb / 6P
2 DIMM DDR Fanout Buffer
logo
Winbond
W83176R-735 WINBOND-W83176R-735 Datasheet
238Kb / 11P
3 DIMM DDR ZERO DELAY BUFFER FOR SIS CHIPSET
W83176R-735 WINBOND-W83176R-735_06 Datasheet
245Kb / 13P
DIMM DDR ZERO DELAY BUFFER
logo
SpectraLinear Inc
W40S11-02 SPECTRALINEAR-W40S11-02 Datasheet
129Kb / 9P
SDRAM Buffer - 2 DIMM (Mobile)
logo
Winbond
W83176R-732 WINBOND-W83176R-732_06 Datasheet
402Kb / 12P
2 DIMM DDR ZERO DELAY buffer for Sis chipset
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V_10 Datasheet
247Kb / 8P
1:2 DIFFERENTIAL FANOUT BUFFER
logo
Semtech Corporation
SK10EL11WD SEMTECH-SK10EL11WD Datasheet
131Kb / 6P
1:2 Differential Fanout Buffer
logo
Motorola, Inc
MC10EL11 MOTOROLA-MC10EL11 Datasheet
61Kb / 3P
1:2 DIFFERENTIAL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com