Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXSMBUS Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAXSMBUS
Description  Measures and Displays Remote and Internal
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXSMBUS Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAXSMBUS Datasheet HTML 1Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 2Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 3Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 4Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 5Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 6Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
The MAX1668 evaluation system (EV system) consists
of a MAX1668 evaluation kit (EV kit) and a companion
Maxim system management bus (SMBus™) interface
board.
The MAX1668 EV kit is an assembled and tested PC
board that demonstrates the MAX1668 temperature
sensor. It monitors the temperature of four external
diode-connected transistors and one internal diode,
and converts the temperatures to 8-bit, 2-wire serial
data. Four 2N3906 temperature-sensor transistors
come soldered to the board in SOT23 packages, but
for more realistic experiments, any of the transistors
can be removed and the board connected through a
twisted pair to remote diodes closer to your system.
The Maxim SMBus Interface Board (MAXSMBUS)
allows an IBM-compatible PC to use its parallel port to
emulate an Intel SMBus 2-wire interface. Windows®
95/98/2000 compatible software provides a user-friend-
ly interface to exercise the MAX1668 features. The pro-
gram is menu driven and offers a graphic interface with
control buttons and status display.
Order the MAX1668EVSYS for complete PC-based
evaluation of the MAX1668. Order the MAX1668EVKIT if
you already have an SMBus interface.
Features
o Measures and Displays Remote and Internal
Sensor Temperature
o Programmable Alarms and Configuration
o Operating Temperature Ranges
-55°C to +125°C (Remote Sensor)
0°C to +70°C (Board)
o I2C™/SMBus Compatible
o Easy-to-Use Menu-Driven Software
o Assembled and Tested
o Includes Windows 95/98/2000 Compatible
Software and Demo PC Board
MAX1668 Evaluation System
________________________________________________________________ Maxim Integrated Products
1
19-1885; Rev 0; 12/00
EV System Component List
Ordering Information
EV Kit Component List
SMBus is a trademark of Intel Corp.
Windows is a registered trademark of Microsoft Corp.
I2C is a trademark of Philips Corp.
Note: The MAX1668 EV kit software is provided with the
MAX1668EVKIT. However, to use the software, the MAXSMBUS
board is required to interface the EV kit to the computer.
PART
SMBUS
INTERFACE TYPE
IC
PACKAGE
MAX1668EVKIT
User Supplied
16 QSOP
MAX1668EVSYS
MAXSMBUS
16 QSOP
PART
QTY
DESCRIPTION
MAX1668EVKIT
1
MAX1668 evaluation kit
MAXSMBUS
1
SMBus interface board
DESIGNATION
QTY
DESCRIPTION
Q1–Q4
4
PNP bipolar transistors
Fairchild MMBT3906,
Motorola MMBT3906,
Vishay/Lite-On MMBT3906,
General Semiconductor
MMBT3906, or
Central Semiconductor
CMPT3906
SW1
1
Slide switch
U1
1
MAX1668MEE
None
1
3.5in software disk (MAX1668
EV kit)
None
3
Shunts
DESIGNATION
QTY
DESCRIPTION
C1
1
0.1
µF, 16V X7R ceramic
capacitor
Taiyo Yuden
EMK107BJ104KA or
Murata GRM39X7R104K016
C2–C5
4
2200pF, 50V X7R ceramic
capacitors
J1
1
2x10 right-angle female
receptacle
JU1, JU2, JU3
3
3-pin headers
JU4
0
Not installed
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAXSMBUS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXSMBUS MAXIM-MAXSMBUS Datasheet
219Kb / 8P
2-Wire Interface Board
Rev 1; 2/00
MAXSMBUS MAXIM-MAXSMBUS Datasheet
151Kb / 5P
Measures and Displays Remote Sensor
Rev 0; 5/01
More results

Similar Description - MAXSMBUS

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CC12H4A-TR COOPER-CC12H4A-TR Datasheet
876Kb / 9P
Flat panel displays and televisions
logo
Maxim Integrated Produc...
MAX34407 MAXIM-MAX34407 Datasheet
445Kb / 17P
Measures Both Current and Voltage
Rev 0; 11/14
logo
OSRAM GmbH
LSGT67K-JL-1-HK-1 OSRAM-LSGT67K-JL-1-HK-1 Datasheet
550Kb / 18P
indoor and outdoor displays
LTRBGFSF-ABCB-QKYO OSRAM-LTRBGFSF-ABCB-QKYO Datasheet
1Mb / 28P
indoor and outdoor displays
LYGT67K OSRAM-LYGT67K Datasheet
548Kb / 18P
indoor and outdoor displays
logo
Infineon Technologies A...
TLE4929C-XHA-M18N INFINEON-TLE4929C-XHA-M18N Datasheet
1Mb / 34P
Measures speed and position of tooth/pole wheels
Datasheet 1.0 2020-09-29
logo
Maxim Integrated Produc...
MAX17135EVKIT MAXIM-MAX17135EVKIT Datasheet
2Mb / 12P
Measures Remote Diode Temperature
Rev 1; 1/12
MAX6654EVSYS MAXIM-MAX6654EVSYS Datasheet
151Kb / 5P
Measures and Displays Remote Sensor
Rev 0; 5/01
logo
Schneider Electric
IMV25 SCHNEIDER-IMV25 Datasheet
107Kb / 2P
Measures pressure, differential pressure and process temperature
Apr 26, 2022
logo
Littelfuse
00940324ZXPG LITTELFUSE-00940324ZXPG Datasheet
215Kb / 1P
Fuse displays and cabinets
Rev: 011113
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com