Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXSMBUS Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAXSMBUS
Description  Measures and Displays Remote and Internal
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXSMBUS Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAXSMBUS Datasheet HTML 1Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 2Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 3Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 4Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 5Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 6Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MAX1668 Evaluation System
_______________________________________________________________________________________
3
Simple SMBus Commands
There are two methods for communicating with the
MAX1668: through the normal user-interface panel or
through the SMBus commands available from pressing
the MAXSMBUS button. A display will pop up that
allows the SMBus protocols, such as Read Byte and
Write Byte, to be executed. To stop normal user-inter-
face execution so that it does not override the manually
set values, turn off the update timer by unchecking the
Automatic Read checkbox.
The SMBus dialog boxes accept numeric data in bina-
ry, decimal, or hexadecimal. Hexadecimal numbers
should be prefixed by $ or 0x. Binary numbers must be
exactly 8 digits.
Note: In places where the slave address asks for an 8-bit value,
it must be the 7-bit MAX1668 slave address as determined by
ADD0 and ADD1 with the last bit (read/write bit) always set to
zero (Table 1).
Data Logging
Check the Data Logging checkbox to activate data
logging. Data logging saves temperature and status
data to a text file that includes a time/date stamp next
to each data point. If Automatic Read is enabled, data
is sampled at 4Hz; however, the data is logged to the
file only if either the temperature or status change. This
slows the growth of the data-logging file. When
Automatic Read is disabled, the data is logged each
time the Read All button is clicked. To stop data log-
ging, uncheck the Data Logging checkbox.
Detailed Hardware Description
Jumper and Switch Settings
Two jumpers set the MAX1668 slave address. The
default address is 1001 101 (ADD0 = ADD1 = VCC).
JU1 corresponds to ADD0, and JU2 corresponds to
ADD1; see Table 1 for a complete list of addresses.
The MAX1668 must undergo a power-on reset for the
new address to become effective.
The +5V supply voltage for the MAX1668 comes from
the SMBus interface board. To evaluate the MAX1668
with a different voltage, cut the trace shorting the two
JU4 pins and apply a voltage to the VCC pad.
The MAX1668 can be placed in standby mode using
jumper JU3. See Table 2 for jumper setting.
A slide switch, SW1, is provided as a means to force a
power-on reset of the MAX1668. This switch disables
power to the device.
Table 1. JU1 and JU2 Shunt Settings for
SMBus Address
Table 2. JU3 Shunt Settings for STBY
*Default
*Default
SHUNT
LOCATION
MAX1668 ADDRESS
JU1
JU2
BINARY
HEX
2-3
2-3
0011 000
0x30
2-3
Open
0011 001
0x32
2-3
1-2
0011 010
0x34
Open
2-3
0101 001
0x52
Open
Open
0101 010
0x54
Open
1-2
0101 011
0x56
1-2
2-3
1001 100
0x98
1-2
Open
1001 101
0x9A
1-2*
1-2*
1001 110
0x9C
SHUNT
LOCATION
STBY PIN
FUNCTION
1-2*
Connected to VCC
In operating mode
Open
Connect an external
signal to
STBY pin
2-3
Connected to GND
In standby mode



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com