Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2301 Datasheet(PDF) 40 Page - Microchip Technology

Part # EMC2301
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2301 Datasheet(HTML) 40 Page - Microchip Technology

Back Button EMC2301 Datasheet HTML 36Page - Microchip Technology EMC2301 Datasheet HTML 37Page - Microchip Technology EMC2301 Datasheet HTML 38Page - Microchip Technology EMC2301 Datasheet HTML 39Page - Microchip Technology EMC2301 Datasheet HTML 40Page - Microchip Technology EMC2301 Datasheet HTML 41Page - Microchip Technology EMC2301 Datasheet HTML 42Page - Microchip Technology EMC2301 Datasheet HTML 43Page - Microchip Technology EMC2301 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
EMC2301/2/3/5
DS20006532A-page 40
 2021 Microchip Technology Inc.
6.16
PID Gain Register
See Section 4.3.3.2 “Setting the PID Gains”.
bit 4-3
DPTx[1:0]: Derivative Options. Determines what form of derivative will be used in the Fan Speed
Setting calculation (see Section 4.3.3.1 “Selecting the Derivative Options”).
11 = BOTH
10 = STEP
01 = BASIC
00 = NONE
bit 2-1
ERGx[1:0]: Error Window. Determines the range of the error window. When the measured fan speed
is within the programmed error window around the target speed, then the fan drive setting is not
updated. The algorithm will continue to monitor the fan speed and calculate necessary drive set-
ting changes base on the error; however, these changes are ignored (see Section 4.3.1 “Error
Window”). “X” is 1 to 5, depending on device features.
11 = 200 RPM
10 = 100 RPM
01 = 50 RPM
00 = 0 RPM
bit 0
Unimplemented bit, read as ‘0’.
REGISTER 6-14:
FAN CONFIG 2 - FAN CONFIGURATION 2 REGISTERS
(ADDRESSES 33H, 43H, 53H, 63H, 73H) (CONTINUED)
REGISTER 6-15:
GAIN - PIDX GAIN REGISTER (ADDRESSES 35H, 45H, 55H, 65H, 75H)
U-0
U-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
—
—
GDEx[1:0]
GINx[1:0]
GPRx[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented bits, read as ‘0’.
bit 5-4
GDEx[1:0]: Derivative Gain, where “x” is 1 to 5, depending on device features. The effective gain
applied to the KD in the PID equation.
11 = 8x
10 = 4x
01 = 2x
00 = 1x
bit 3-2
GINx[1:0]: Integral Gain, where “x” is 1 to 5, depending on device features. The effective gain applied
to the KI in the PID equation.
11 = 8x
10 = 4x
01 = 2x
00 = 1x
bit 1-0
GPRx[1:0]: Proportional Gain, where “x” is 1 to 5, depending on device features. The effective gain
applied to the KP in the PID equation.
11 = 8x
10 = 4x
01 = 2x
00 = 1x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com