Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2301 Datasheet(PDF) 41 Page - Microchip Technology

Part # EMC2301
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2301 Datasheet(HTML) 41 Page - Microchip Technology

Back Button EMC2301 Datasheet HTML 37Page - Microchip Technology EMC2301 Datasheet HTML 38Page - Microchip Technology EMC2301 Datasheet HTML 39Page - Microchip Technology EMC2301 Datasheet HTML 40Page - Microchip Technology EMC2301 Datasheet HTML 41Page - Microchip Technology EMC2301 Datasheet HTML 42Page - Microchip Technology EMC2301 Datasheet HTML 43Page - Microchip Technology EMC2301 Datasheet HTML 44Page - Microchip Technology EMC2301 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 41
EMC2301/2/3/5
6.17
Fan Spin Up Configuration
Registers
The Fan Spin Up Configuration registers control the
settings of the Spin Up Routine. These registers are
software locked (see Section 4.8 “Spin Up Routine”).
REGISTER 6-16:
FAN SPIN - SPIN-UP CONFIGURATION REGISTER
(ADDRESSES 36H, 46H, 56H, 66H, 76H)
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
DFCx[1:0]
NKCKx
SPLVx[2:0]
SPTx[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
DFCx[1:0]: Drive Fail Count, where “x” is 1 to 5, depending on device features. Determines when an
aging fan has been detected.
11 = 64 update periods
10 = 32 update periods
01 = 16 update periods
00 = Disabled
bit 5
NKCKx: No Kick, where “x” is 1 to 5, depending on device features. Kick refers to the 100% drive for
1/4 of the spin-up time.
1 = Spin-Up will not drive to 100% PWM
0 = Spin-Up will drive to 100% PWM
bit 4-2
SPLVx[2:0]: Spin-Up Level, where “x” is 1 to 5, depending on device features. This is the level the
spin-up routine will use.
111 = 65%
110 = 60%
101 = 55%
100 = 50%
011 = 45%
010 = 40%
001 = 35%
000 = 30%
bit 1-0
SPTx[1:0]: Spin-Up Time, where “x” is 1 to 5, depending on device features. This determines how long
the spin-up routine will run before releasing the drive.
11 = 2s
10 = 1s
01 = 500 ms
00 = 250 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com