Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2305 Datasheet(PDF) 21 Page - Microchip Technology

Part # EMC2305
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2305 Datasheet(HTML) 21 Page - Microchip Technology

Back Button EMC2305 Datasheet HTML 17Page - Microchip Technology EMC2305 Datasheet HTML 18Page - Microchip Technology EMC2305 Datasheet HTML 19Page - Microchip Technology EMC2305 Datasheet HTML 20Page - Microchip Technology EMC2305 Datasheet HTML 21Page - Microchip Technology EMC2305 Datasheet HTML 22Page - Microchip Technology EMC2305 Datasheet HTML 23Page - Microchip Technology EMC2305 Datasheet HTML 24Page - Microchip Technology EMC2305 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 21
EMC2301/2/3/5
5.0
SYSTEM MANAGEMENT BUS
PROTOCOL
The EMC2301/2/3/5 communicates with a host control-
ler through the SMBus. The SMBus is a two-wire serial
communication protocol between a computer host and
its peripheral devices. A detailed timing diagram is
shown in Figure 5-1. Stretching of the SMCLK signal is
supported; however, the EMC2301/2/3/5 will not
stretch the clock signal.
FIGURE 5-1:
SMBus Timing Diagram.
5.1
SMBus Start Bit
The SMBus Start bit is defined as a transition of the
SMBus Data line from a logic ‘1’ state to a logic ‘0’ state
while the SMBus Clock line is in a logic ‘1’ state.
5.2
SMBus Address and RD/WR Bit
The SMBus Address Byte consists of the 7-bit client
address followed by an RD/WR indicator bit. If this RD/
WR bit is a logic ‘0’, then the SMBus Host is writing
data to the client device. If this RD/WR bit is a logic ‘1’,
then the SMBus Host is reading data from the client
device.
The EMC2303 and EMC2305 will respond to one of
multiple SMBus addresses determined by the pull-up
resistor on the ADDR_SEL pin. The ADDR_SEL pin
decodes one of six pull-up resistors upon device
power-up. Depending on the resistor used, the CLK pin
may also be used to select additional functionality. The
resistor values for each address is shown in Table 5-1.
The EMC2302-1 SMBus address is set at
0101_110(r/w)b.
The EMC2302-2 SMBus address is set at
0101_111(r/w)b.
The EMC2301 SMBus address is set at
0101_111(r/w)b.
SMDATA
SMCLK
TLOW
TRISE
THIGH
TFALL
TBUF
THD:STA
P
S
S - Start Condition
P - Stop Condition
THD:DAT
TSU:DAT
TSU:STA
THD:STA
P
TSU:STO
S
TABLE 5-1:
ADDR_SEL PIN DECODE
(EMC2303/5 ONLY)
Pull-Up
Resistor
SMBus
Address
Additional
Functions
4.7 k
 ± 5%
0101_110(r/w)
None - CLK pin
used as clock
input or output.
6.8 k
 ± 5%
0101_111(r/w)
10 k
 ± 5%
0101_100(r/w)
15 k
 ± 5%
0101_101(r/w)
22 k
 ± 5%
1001_100(r/w)
33 k
 ± 5%
1001_101(r/w)
CLK pin used to
determine default
fan drive - see
Section 4.6
“Pull-Up
Decode”.
The CLK pin can-
not be used as a
clock input or
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com