Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2305 Datasheet(PDF) 13 Page - Microchip Technology

Part # EMC2305
Description  Single/Multiple RPM-Based PWM Fan Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2305 Datasheet(HTML) 13 Page - Microchip Technology

Back Button EMC2305 Datasheet HTML 9Page - Microchip Technology EMC2305 Datasheet HTML 10Page - Microchip Technology EMC2305 Datasheet HTML 11Page - Microchip Technology EMC2305 Datasheet HTML 12Page - Microchip Technology EMC2305 Datasheet HTML 13Page - Microchip Technology EMC2305 Datasheet HTML 14Page - Microchip Technology EMC2305 Datasheet HTML 15Page - Microchip Technology EMC2305 Datasheet HTML 16Page - Microchip Technology EMC2305 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
 2021 Microchip Technology Inc.
DS20006532A-page 13
EMC2301/2/3/5
4.0
PRODUCT DESCRIPTION
The EMC2301/2/3/5 family is an SMBus compliant fan
controller with up to five programmable frequency
PWM fan drivers. The fan drivers can be operated
using two modes: the RPM-based Fan Speed Control
algorithm or the direct fan drive setting. Figure 4-1
shows a system diagram of the EMC2301/2/3/5 family.
FIGURE 4-1:
EMC2301/2/3/5 Family System Diagram.
4.1
Fan Control Modes of Operation
The EMC2301/2/3/5 has two modes of operation for
each fan driver. Each mode of operation uses the
Ramp Rate control and Spin Up Routine.
1.
Direct Setting mode - in this mode of operation,
the user directly controls the fan drive setting.
Updating the Fan Driver Setting Register (see
Register 6-11) will instantly update the PWM fan
drive. Ramp rate control is optional and enabled
via the ENRCx bits (see Register 6-14).
Whenever the Direct Setting mode is enabled,
the current drive will be changed to what was
last written into the Fan Driver Setting Register.
The conversion from register value to percent
drive in shown in Equation 4-1.
EQUATION 4-1:
REGISTER VALUE TO
DRIVE
2.
Fan Speed Control (FSC) mode - in this mode of
operation, the user determines a target tachom-
eter count and the PWM drive setting is auto-
matically updated to achieve this target speed.
The algorithm uses the Spin Up Routine and has
user-definable ramp rate controls.
This mode is enabled setting the ENAGx bit in
the
Fan
Configuration
Register
(see
Register 6-13).
EMC230x
SMCLK
SMDATA
ALERT#
VDD
3.3V
MCU
ADDR_SEL
GND
32.768 Hz Clock
Input or Output
CLK
TACH5
tachometer
PWM5
Drive
Circuit
TACH2
tachometer
PWM2
Drive
Circuit
TACH1
tachometer
PWM1
Drive
Circuit
Drive
VALUE
255
------------------

 100%
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com