Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RO2202NF Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # RO2202NF
Description  1.6dBi, 217-222MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

RO2202NF Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  RO2202NF Datasheet HTML 1Page - Pulse A Technitrol Company RO2202NF Datasheet HTML 2Page - Pulse A Technitrol Company RO2202NF Datasheet HTML 3Page - Pulse A Technitrol Company RO2202NF Datasheet HTML 4Page - Pulse A Technitrol Company RO2202NF Datasheet HTML 5Page - Pulse A Technitrol Company RO2202NF Datasheet HTML 6Page - Pulse A Technitrol Company RO2202NF Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Description: 1.6dBi, 217-222MHz
PART NUMBER: RO2202NF
Series: Radome Omni
Issue: 1850
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
For more information:
Pulse Worldwide Headquarters
Pulse/Larsen Antennas
Europe Headquarters
Pulse (Suzhou) Wireless Products Co, Inc.
15255 Innovation Drive #100
Pulse GmbH & Do, KG
99 Huo Ju Road(#29 Bldg,4th Phase
San Diego, CA 92128
Vancouver, WA 98683
Zeppelinstrasse 15
Suzhou New District
USA
USA
Herrenberg, Germany
Jiangsu Province, Suzhou 215009 PR China
Tel:1-858-674-8100
Tel: 1-360-944-7551
-
Tel: 49 7032 7806 0
Tel: 86 512 6807 9998
18110 SE 34th St Bldg 2 Suite 250
Features:
Applications:
• Omnidirectional antenna
• Gain 1.6dBi
• Polarization Vertical
• Connector N-female
• IP67
• 217-222MHz Radios
• Utilities
• SCADA Railway / PTC
• IoT
1


Similar Part No. - RO2202NF

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2216D-6 RFM-RO2216D-6 Datasheet
101Kb / 2P
Ideal for European 905.800 MHz Transmitters
RO2216D-6 RFM-RO2216D-6 Datasheet
94Kb / 2P
905.800 MHz SAW Resonator
RO2216D-6 RFM-RO2216D-6_08 Datasheet
94Kb / 2P
905.800 MHz SAW Resonator
More results

Similar Description - RO2202NF

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527298B GLENAIR-527298B Datasheet
111Kb / 1P
Split Backshell Assembly for Amphenol 217-A Cannon DPKB Connectors
logo
Molex Electronics Ltd.
0533071271 MOLEX7-0533071271 Datasheet
371Kb / 6P
0.80mm (.031") Pitch Header, Surface Mount, Dual Row, Vertical Stacking, 4.50 and5.50mm (.177 and .217") Stacking Heights, Lead-free, 12 Circuits
0533072071 MOLEX7-0533072071 Datasheet
372Kb / 6P
0.80mm (.031") Pitch Header, Surface Mount, Dual Row, Vertical Stacking, 4.50 and5.50mm (.177 and .217") Stacking Heights, Lead-free, 20 Circuits
logo
Littelfuse
0217.032HXP LITTELFUSE-0217.032HXP Datasheet
232Kb / 4P
217 Series, 5 x 20 mm, Fast-acting Fuse
logo
Molex Electronics Ltd.
130180-0151 MOLEX11-130180-0151 Datasheet
37Kb / 1P
Bumper (217) Tubelight
logo
Pasternack Enterprises,...
PE44254 PASTERNACK-PE44254 Datasheet
246Kb / 2P
1.0/2.3 Jack Bulkhead Connector Crimp-Solder Attachment For RG174, RG316, RG188, .217 inch DD Hole
logo
Molex Electronics Ltd.
1301800151 MOLEX11-1301800151 Datasheet
29Kb / 1P
Bumper (217) Tubelight
logo
Mill-Max Mfg. Corp.
317-47-108-41-005000 MILL-MAX-317-47-108-41-005000 Datasheet
414Kb / 1P
SERIES 117, 127, 217, 227, 317, 327 ??SHRINK DI,P SOLDER TAIL & WRAPOST
317-93-121-41-005000 MILL-MAX-317-93-121-41-005000 Datasheet
414Kb / 1P
SERIES 117, 127, 217, 227, 317, 327 ??SHRINK DI,P SOLDER TAIL & WRAPOST
logo
HK TO-GRACE TECHNOLOGY ...
19-217-Y5C-AM1N1VY-3T TO-GRACE-19-217-Y5C-AM1N1VY-3T Datasheet
570Kb / 10P
19-217/Y5C-APQB/3T
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com