Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RO2202NF Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # RO2202NF
Description  1.6dBi, 217-222MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

RO2202NF Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  RO2202NF Datasheet HTML 1Page - Pulse A Technitrol Company RO2202NF Datasheet HTML 2Page - Pulse A Technitrol Company RO2202NF Datasheet HTML 3Page - Pulse A Technitrol Company RO2202NF Datasheet HTML 4Page - Pulse A Technitrol Company RO2202NF Datasheet HTML 5Page - Pulse A Technitrol Company RO2202NF Datasheet HTML 6Page - Pulse A Technitrol Company RO2202NF Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Issue: 1850
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
PART NUMBER: RO2202NF
Series: Radome Omni
Description: 1.6dBi, 217-222MHz
2
Overall Length
837.9mm
Weight
247g
Antenna Color / Material
White/Polyester/fiberglass
–UV
protected
Operating Temperature
-40 ~ +85°C
Ingress Protection
IP67
Wind-loading
201.2 km/h (125 mph)
RoHS Compliant
Yes
MECHANICAL SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Antenna type
1/2 wave
(ground plane not required)
Frequency
217-222 MHz
Nominal Impedance
50
VSWR
1.5:1
Gain
1.6 dBi
Efficiency
90%
Radiation Pattern
Omni
HPBW / E-Plane
81°
Polarization
Vertical
Power withstanding
40 W
Connector type
N-Female



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com