Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-3501G Datasheet(PDF) 1 Page - Microchip Technology

Part # PD-3501G
Description  Single-port Gigabit PoE Indoor Injector, 802.3af Compliant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-3501G Datasheet(HTML) 1 Page - Microchip Technology

  PD-3501G Datasheet HTML 1Page - Microchip Technology PD-3501G Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
microchip.com
PD-3501G Indoor Injector
Single-port Gigabit PoE Indoor Injector, 802.3af Compliant
Summary
Microchip’s PD-3501G single-
port PoE midspan offers a
compact and cost effective,
IEEE 802.3af compliant solution
for powering IP phones, WLAN
access points, network cameras
and other IP terminal devices.
The compact and affordable PD-
3501G provides reliable power
over standard Ethernet cables,
leaving existing network infra-
structure completely unaltered.
With plug-and-play installation,
the PD-3501G can be easily and
cost effectively implemented
leveraging the existing Ethernet
infrastructure while at the same
time providing the assurance of
a future proof network.
PD-3501G Features
• Safe and reliable power over exist-
ing Ethernet infrastructure
• Stackable and compact
• Legacy PoE Support
• Plug-and-play installation
PD-3501G Specifications
Feature
Description
Number of Ports
1
Data Rate
10/100/1000 Mbps
Input Power Requirement
AC Input Voltage: 100-240 Vac
AC Input Current: 0.43A
AC Frequency: 50/60 Hz
Output Power
15.4W
Power over Ethernet Output
4/5 (+), 7/8 (–) Nominal Output Voltage: 48 VDC
Dimensions
L x W x H
140 mm x 51.8 mm x 33.5 mm
5.5 in x 2.04 in x 1.32 in
Net Weight
350 gr (0.77 lbs)
Connectors
Shielded RJ-45, EIA 568A and 568B
Indicators
AC power - Yellow, Channel Power - Green
Environmental Conditions
Operating Ambient Temperature:
32⁰F to 104⁰F (0⁰C to +40⁰C)
Operating Humidity: Maximum 90%, Non-Condensing
Storage Temperature: –4⁰F to +158⁰F (–20⁰C to +70⁰C)
Storage Humidity: Maximum 95%, Non-condensing
Operating Altitude: –1000 to 10,000 ft. (–304.8 to 3048m)
Hazardous Substances
CE, WEEE
Warranty
1 year
Extended Warranty
Available
No
Reliability
MTBF: 100,000 hrs @ 25⁰C
Thermal Rating
13 BTU/Hr
Regulatory Compliance
IEEE 802.3af
Electromagnetic Emission
and Immunity
FCC Part 15 Class B
EN 55032 Class B
EN 55024
VCCI
Safety
UL/IEC/EN 62368-1
Please contact Microchip for a complete list of certifications


Similar Part No. - PD-3501G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-3501G MICROSEMI-PD-3501G Datasheet
549Kb / 2P
Single-port Gigabit PoE Midspan, 802.3af Compliant
logo
Extreme Networks.
PD-3501G-ENT EXTREMENETWORKS-PD-3501G-ENT Datasheet
326Kb / 8P
Enterprise-grade, Indoor Wallplate, 802.11ax Wi-Fi 6 Dual-Radio 2x2:2 Access Point and Switch
19aug24
PD-3501G-ENT EXTREMENETWORKS-PD-3501G-ENT Datasheet
346Kb / 8P
Wi-Fi 6 (802.11ax) Indoor Access Point with Support for Multiple Extreme Operating Systems
16jan24
PD-3501G-ENT EXTREMENETWORKS-PD-3501G-ENT Datasheet
249Kb / 9P
Wi-Fi 6 (802.11ax) Indoor Access Point with integrated or external antenna options
18sep23
PD-3501G-ENT EXTREMENETWORKS-PD-3501G-ENT Datasheet
280Kb / 9P
Wi-Fi 6 (802.11ax) Tri-Radio Access Point With Integrated or External Antenna Options
4aug23
More results

Similar Description - PD-3501G

ManufacturerPart #DatasheetDescription
logo
Level One
POI-2001 LVL1-POI-2001 Datasheet
1Mb / 2P
Gigabit PoE Injector
logo
Advantech Co., Ltd.
EKI-2701HPI ADVANTECH-EKI-2701HPI Datasheet
476Kb / 2P
IEEE 802.3af/at Gigabit PoE Injector with Wide Temperature
logo
Level One
POI-3000 LVL1-POI-3000 Datasheet
628Kb / 3P
Gigabit PoE Injector
logo
Advantech Co., Ltd.
EKI-2701HPI-AE ADVANTECH-EKI-2701HPI-AE Datasheet
276Kb / 2P
IEEE 802.3af/at Gigabit PoE Injector with Wide Temperature
EKI-2711HPI-AE ADVANTECH-EKI-2711HPI-AE Datasheet
283Kb / 2P
IEEE 802.3af/at Gigabit PoE Injector with Wide Temperature
logo
Tripp Lite. All Rights ...
NPOE-30W-1G TRIPPLITE-NPOE-30W-1G Datasheet
169Kb / 3P
Gigabit PoE Midspan Active Injector - IEEE 802.3at/802.3af, 30W, 1 Port
logo
Microsemi Corporation
PD-3501G MICROSEMI-PD-3501G Datasheet
549Kb / 2P
Single-port Gigabit PoE Midspan, 802.3af Compliant
logo
Advantech Co., Ltd.
EKI-2701HP ADVANTECH-EKI-2701HP Datasheet
480Kb / 2P
IEEE 802.3af/at Gigabit PoE Injector
8-Apr-2021
PCM-24R2PE ADVANTECH-PCM-24R2PE Datasheet
279Kb / 1P
2-Port Gigabit Ethernet, IEEE 802.3af (PoE) Compliant, mPCIe, RJ45
27-Jun-2018
logo
Coolgear Inc.
CG-POEIJ12V COOLGEAR-CG-POEIJ12V Datasheet
367Kb / 1P
Gigabit IEEE 802.3af/at PoE Injector (12v)
5/03/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com