Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-3504G/AC-US Datasheet(PDF) 1 Page - Microchip Technology

Part # PD-3504G/AC-US
Description  4-port 802.3af Compliant Gigabit Midspan
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-3504G/AC-US Datasheet(HTML) 1 Page - Microchip Technology

  PD-3504G/AC-US Datasheet HTML 1Page - Microchip Technology PD-3504G/AC-US Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD-3504G
4-port 802.3af Compliant Gigabit Midspan
PD-3504G Features
• Safe and reliable power over existing Ethernet
infrastructure
• IEEE 802.3af compliant
• Stackable and compact
• Legacy PoE support
• Plug-and-play installation
microchip.com
Summary
Microchip’s PD-3504G offers a cost effective, IEEE
802.3af compliant solution to upgrade existing infra-
structures with PoE, providing a maximum of 15.4
watts of power through each port and ensuring safe
operation of any standard PoE data terminal. The
PD-3504G provides PoE to IP telephones, wireless LAN
access points, security network cameras and IP termi-
nals to receive power, along with data, over standard
Ethernet cables, leaving network infrastructure com-
pletely unaltered.
With the midspan’s plug-and-play installation, they are
easily and cost effectively implemented leveraging an
existing Ethernet infrastructure while at the same time
providing the assurance of a future proof network.
Feature
Description
Number of Ports
4
Data Rate
10/100/1000 Mbps
Input Power
Requirement
AC Input Voltage: 100 to 240 Vac
AC Input Current: 1.6A
AC Frequency: 50/60 Hz
Output Power
15.4W
Power over
Ethernet Output
4/5 (+), 7/8 (–) Nominal Output Voltage: 55 VDC
Dimensions
L x W x H
224 mm x 148 mm x 43 mm
8.82 in x 5.82 in x 1.69 in
Net Weight
820 gr (1.8 lbs)
Connectors
Shielded RJ-45, EIA 568A and 568B
Indicators
System Indicator: AC Power - Green
User Indicator: Channel Power - Green
Environmental
Conditions
Operating Ambient Temperature: 32⁰F to 104⁰F
(0⁰C to +40⁰C)
Operating Humidity: Maximum 90%
Storage Temperature: –4⁰F to +158⁰F
(–20⁰C to +70⁰C), Non Condensing
Storage Humidity: Maximum 95%,
Non-condensing
Operating Altitute: –1000 to 10,000 ft.
(–304.8 to 3048 m)
Hazardous
Substances
CE, WEEE
Warranty
1 year
Extended
Warranty
Available
Contact Microchip
Reliability
MTBF: 300,000 hrs @25C
Thermal Rating
51 BTU/hr
Regulatory
Compliance
IEEE 802.3af
Electromagnetic
Emission and
Immunity
FCC Part 15 Class B
EN 55032 Class B
EN 55024
VCCI
Safety
UL/IEC/EN 62368-1
Please contact Microchip for a complete list of
certifications


Similar Part No. - PD-3504G/AC-US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-3504G/AC MICROSEMI-PD-3504G/AC Datasheet
817Kb / 2P
Compact 4-port Gigabit Midspan for the enterprise market
More results

Similar Description - PD-3504G/AC-US

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-24R2PE-AE ADVANTECH-PCM-24R2PE-AE Datasheet
240Kb / 1P
2-Port Gigabit Ethernet, IEEE 802.3af (PoE) Compliant, mPCIe, RJ45
logo
Tripp Lite. All Rights ...
NPOE-30W-1G TRIPPLITE-NPOE-30W-1G Datasheet
169Kb / 3P
Gigabit PoE Midspan Active Injector - IEEE 802.3at/802.3af, 30W, 1 Port
logo
Microsemi Corporation
PD-3501G MICROSEMI-PD-3501G Datasheet
549Kb / 2P
Single-port Gigabit PoE Midspan, 802.3af Compliant
PD-9001GR MICROSEMI-PD-9001GR Datasheet
550Kb / 2P
Single-port Gigabit PoE Midspan, 802.3at Compliant
PD-9004G MICROSEMI-PD-9004G Datasheet
881Kb / 2P
IEEE802.3at Compliant 30W 4-port Midspan
PD-9501GR MICROSEMI-PD-9501GR Datasheet
737Kb / 2P
Single-port, 60W Gigabit Midspan, 4-Pairs, 802.3at Compliant
logo
Microchip Technology
PD-3501G MICROCHIP-PD-3501G Datasheet
394Kb / 2P
Single-port Gigabit PoE Indoor Injector, 802.3af Compliant
5/21
PD-6500G MICROCHIP-PD-6500G Datasheet
401Kb / 2P
Multi-port 802.3af Compliant Midspan Family With Network Management System
5/21
PD-9004G MICROCHIP-PD-9004G Datasheet
464Kb / 2P
IEEE802.3at Compliant 30W 4-Port Midspan
5/21
logo
Advantech Co., Ltd.
PCM-24R2PE ADVANTECH-PCM-24R2PE Datasheet
279Kb / 1P
2-Port Gigabit Ethernet, IEEE 802.3af (PoE) Compliant, mPCIe, RJ45
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com