Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-9004G/AC-JP Datasheet(PDF) 1 Page - Microchip Technology

Part # PD-9004G/AC-JP
Description  IEEE802.3at Compliant 30W 4-Port Midspan
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-9004G/AC-JP Datasheet(HTML) 1 Page - Microchip Technology

  PD-9004G/AC-JP Datasheet HTML 1Page - Microchip Technology PD-9004G/AC-JP Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD-9004G
IEEE802.3at Compliant 30W 4-Port Midspan
PD-9004G Features
• A cost-effective solution to upgrade existing infrastructure
to PoE
• Fully IEEE 802.3at standard compliant
• Supports 10/100/1000 Mbps data rates
• Safe and reliable power over existing Ethernet
infrastructure
• Provides up to 30W per port for all ports
• 3 units can fit in 1U 19 rack
• Legacy PoE support
microchip.com
Summary
Microchip’s PD-9004G midspan offers a cost-effective,
IEEE 802.3at compliant solution to upgrade existing in-
frastructure with PoE, guaranteeing 30 Watts of power
through each port and ensuring safe operation of any
standard PoE data terminal. The PD-9004G is an ideal
solution for powering and controlling up to 4 remote
devices, including wireless LAN access points, security
network cameras and IP phones without any changes
to the installed network infrastructure.
Specifications
Feature
Description
Number of Ports
4
Data Rate
10/100/1000 Mbps
Input Power
Requirement
AC Input Voltage: 100-240 Vac
AC Input Current: 2.0A
AC Frequency: 50/60 Hz
Output Power
30W
Power over Ethernet
Output
4/5 (+), 7/8 (–) Nominal Output Voltage:
55 VDC
Dimensions
L x W x H
224 mm x 148 mm x 43 mm
8.82 in x 5.82 in x 1.69 in
Net Weight
820g
Connectors
Shielded RJ-45, EIA 568A and 568B
Indicators
System Indicator: AC Power - Green
User Indicator Channel Power - Green
Environmental
Conditions
Operating Ambient Temperature:
+32⁰F to +104⁰F (0⁰C to +40⁰C)
Operating Humidity: Maximum 90%,
Non-condensing
Storage Temperature: –4⁰F to +158⁰F
(–20⁰C to +70⁰C)
Storage Humidity: Maximum 95%,
Non-condensing
Operating Altitute: –1000 to 10,000 ft.
(–304.8 to 3048 m)
Hazardous Substances
CE, WEEE
Waranty
1 year
Extended Waranty
Available
No
Reliability
MTBF: 125,000 hrs @25C
Thermal Rating
70 BTU/hr
Regulatory Compliance
IEEE 802.3at
Electromagnetic
Emission and Immunity
FCC Part 15, Class B
EN 55032 Class B
EN 55024
VCCI
Safety
UL/IEC/EN 62368-1
Please contact Microchip for a complete
list of certifications


Similar Part No. - PD-9004G/AC-JP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-9004G MICROSEMI-PD-9004G Datasheet
881Kb / 2P
IEEE802.3at Compliant 30W 4-port Midspan
PD-9004GAC MICROSEMI-PD-9004GAC Datasheet
881Kb / 2P
IEEE802.3at Compliant 30W 4-port Midspan
More results

Similar Description - PD-9004G/AC-JP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD9002GHO MICROSEMI-PD9002GHO Datasheet
825Kb / 2P
Dual-port, Outdoor PoE Passive Hub, 30W, IEEE802.3at Compliant
logo
Phihong USA Inc.
POE125U-4AT PHIHONG-POE125U-4AT Datasheet
139Kb / 3P
4 Port IEEE802.3at Midspan
POE806U-24AT PHIHONG-POE806U-24AT Datasheet
97Kb / 3P
24 Port IEEE802.3at/PoEPLUS Midspan
POE29U-1AT PHIHONG-POE29U-1AT Datasheet
232Kb / 3P
30W Single Port Power over Ethernet Midspan IEEE802.3AT Compliant Power Injector
POE29W-1AT PHIHONG-POE29W-1AT Datasheet
233Kb / 3P
30W Single Port Power over Ethernet Midspan IEEE802.3AT Compliant Power Injector
POE31X-1AT PHIHONG-POE31X-1AT Datasheet
234Kb / 3P
30W Single Port Power over Ethernet Midspan IEEE802.3at Compliant Power Injector
logo
Microsemi Corporation
PD-9000G MICROSEMI-PD-9000G Datasheet
928Kb / 2P
IEEE802.3at Compliant 36W/Port Midspan Family
PD-9004G MICROSEMI-PD-9004G Datasheet
881Kb / 2P
IEEE802.3at Compliant 30W 4-port Midspan
PD-9501GO MICROSEMI-PD-9501GO Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
PD-9501GO MICROSEMI-PD-9501GO_V01 Datasheet
1Mb / 2P
Single-port, Outdoor PoE Midspan, 60W, IEEE802.3at Compliant
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com