Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-9001SP Datasheet(PDF) 1 Page - Microchip Technology

Part # PD-9001SP
Description  Single-Port, High-Power Gigabit Midspan, 802.3at Compliant with Surge Protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD-9001SP Datasheet(HTML) 1 Page - Microchip Technology

  PD-9001SP Datasheet HTML 1Page - Microchip Technology PD-9001SP Datasheet HTML 2Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PD-9001GR/SP
Single-Port, High-Power Gigabit Midspan,
802.3at Compliant with Surge Protection
Key Features
• IEEE 802.3at compliant with 2-event classification
• IEEE 802.3af backward compatible
• Output power of 30W is guaranteed
• Supports 10/100/1000Base-T applications
• Compatible with IEEE 802.3af devices and pre-standard
devices
• Safe: low-power devices receive only the power they need
• Automatic detection and protection of non–standard
Ethernet terminals
• IP camera installations
microchip.com
Summary
Microchip’s PD-9001GR/SP is a single-port, high-
power solution for remote powering of current and
emerging high-power applications. The PD-9001GR/
SP provides surge protection functionality optimal for
the installation of outdoor PDs. Generating up to 30W,
the PD-9001GR/SP enables remote power for a new
range of applications including 802.11n access points,
Pan-Tilt-Zoom (PTZ) cameras and video phones. It
complies to IEEE 802.3at PoE standard and is backward
compatible to IEEE 802.3af. It can power both existing
10/100Base-T network devices and emerging wireless
1000Base-T devices such as WiMAX and wireless IEEE
802.11n access points.
Specifications
Feature
Description
Number of Ports
1
Data Rate
10/100/1000 Mbps
Input Power
Requirement
AC Input Voltage: 100 to 240 Vac
AC Input Current: 1.2 A
AC Frequency: 50/60 Hz
Output Power
30W
Power over
Ethernet Output
4/5 (+), 7/8 (–) Nominal Output Voltage: 54 Vdc
Dimensions
L x W x H
151 mm x 62 mm x 38 mm
5.94 in x 2.44 in x 1.5 in
Net Weight
400g
Connectors
Shielded RJ-45, EIA 568A and 568B
Indicators
System Indicator: AC Power - Yellow
User Indicator: Channel Power - Green
Environmental
Conditions
Operating Ambient Temperature:
-4⁰F to +104⁰F (-20⁰C to +40⁰C)
Operating Humidity: Maximum 90%, Non Condensing
Storage Temperature: –4⁰F to +158⁰F (–20⁰C to +70⁰C)
Storage Humidity: Maximum 95%, Non-condensing
Operating Altitute: –1000 to 10,000 ft. (–304.8 to 3048 m)
Hazardous
Substances
CE, WEEE
Warranty
1 year
Extended Warranty
Available
No
Reliability
MTBF: 240,000 hrs @25C
Thermal Rating
25 BTU/hr
Regulatory
Compliance
IEEE 802.3at
Electromagnetic
Emission and
Immunity
FCC Part 15 Class B
EN 55032 Class B
EN 55024
VCCI
Safety
UL/IEC/EN 62368-1
Please consult Microchip for a complete list of
certifications
Surge Protection
EN 61000-4-5 (10/700 μsec, 4 KV)
IEC-61643-21
GR-1089-CORE Issue 4
ITU-T K.45


Similar Part No. - PD-9001SP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD-9001SP MICROSEMI-PD-9001SP Datasheet
355Kb / 2P
Single Port, High Power Gigabit Midspan, 802.3at Compliant with Surge Protection
More results

Similar Description - PD-9001SP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
NPOE-30W-1G TRIPPLITE-NPOE-30W-1G Datasheet
169Kb / 3P
Gigabit PoE Midspan Active Injector - IEEE 802.3at/802.3af, 30W, 1 Port
logo
Microsemi Corporation
PD-3501G MICROSEMI-PD-3501G Datasheet
549Kb / 2P
Single-port Gigabit PoE Midspan, 802.3af Compliant
9601G MICROSEMI-9601G Datasheet
378Kb / 2P
PoH 95 W, Single Port Gigabit Midspan
PD-9001GR MICROSEMI-PD-9001GR Datasheet
550Kb / 2P
Single-port Gigabit PoE Midspan, 802.3at Compliant
PD-9001SP MICROSEMI-PD-9001SP Datasheet
355Kb / 2P
Single Port, High Power Gigabit Midspan, 802.3at Compliant with Surge Protection
PD-9501GR MICROSEMI-PD-9501GR Datasheet
737Kb / 2P
Single-port, 60W Gigabit Midspan, 4-Pairs, 802.3at Compliant
logo
Microchip Technology
PD-9001-10GC MICROCHIP-PD-9001-10GC Datasheet
459Kb / 2P
Single-Port, 10 Gbps, IEEE 802.3at 30W, Indoor PoE Midspan
5/21
PD-9501GC MICROCHIP-PD-9501GC Datasheet
417Kb / 2P
Single-Port IEEE802.3bt 60W Gigabit PoE Midspan
6/21
PD-3504G MICROCHIP-PD-3504G Datasheet
440Kb / 2P
4-port 802.3af Compliant Gigabit Midspan
5/21
PD-9000G MICROCHIP-PD-9000G Datasheet
462Kb / 2P
IEEE짰 802.3at Compliant 36W/Port Midspan Family
5/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com