Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL602-41 Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL602-41
Description  Low Phase Noise CMOS XO (48MHz to 96MHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-41 Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL602-41 Datasheet HTML 1Page - PhaseLink Corporation PLL602-41 Datasheet HTML 2Page - PhaseLink Corporation PLL602-41 Datasheet HTML 3Page - PhaseLink Corporation PLL602-41 Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary for proposal
PLL602-41
Low Phase Noise CMOS XO (48MHz to 96MHz)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 07/13/01 Page 3
3. Jitter and Phase Noise specification
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Period jitter RMS
With capacitive decoupling
between VDD and GND.
VIN = 3.3V
TBM
ps
Accumulated jitter RMS
With capacitive decoupling
between VDD and GND.
Over 10,000 cycles.
VIN = 3.3V
TBM
ps
Phase Noise relative to carrier
100Hz offset, VIN = 3.3V
-101
dBc/Hz
Phase Noise relative to carrier
1kHz offset, VIN = 3.3V
-127
dBc/Hz
Phase Noise relative to carrier
10kHz offset, VIN = 3.3V
-137
dBc/Hz
Phase Noise relative to carrier
100kHz offset, VIN = 3.3V
-137
dBc/Hz
4. DC Specification
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Voltage
VDD
3.135
3.465
V
Input High Voltage
VIH
2
V
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
For XIN pin
(VDD/2)
+ 1
VDD/2
V
Input Low Voltage
VIL
For XIN pin
VDD/2
(VDD/2)
− 1
V
Output High Voltage
VOH
IOH = -25mA
2.4
V
Output Low Voltage
VOL
IOL = 25mA
0.4
V
Output High Voltage At
CMOS Level
VOH
IOH = -8mA
VDD-0.4
V
Operating Supply Current
IDD
No Load
35
mA
Short-circuit Current
IS
±120
mA
Input Capacitance
CIN
OE, Select Pins
5
pF
5. Crystal Specifications
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
12
24
MHz
Crystal Loading Capacitance Rating
CL (xtal)
TBD
pF
Driving power
1
mW
ESR
RS
25
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com