Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL602-41 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL602-41
Description  Low Phase Noise CMOS XO (48MHz to 96MHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-41 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL602-41 Datasheet HTML 1Page - PhaseLink Corporation PLL602-41 Datasheet HTML 2Page - PhaseLink Corporation PLL602-41 Datasheet HTML 3Page - PhaseLink Corporation PLL602-41 Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary for proposal
PLL602-41
Low Phase Noise CMOS XO (48MHz to 96MHz)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 07/13/01 Page 1
FEATURES
• Low phase noise XO output for the 48MHz to
96MHz range (-137 dBc at 10kHz offset).
• CMOS output.
• 12 to 24MHz crystal input.
• Integrated crystal load capacitor: no external
load capacitor required.
• Low jitter (RMS): 3-6ps period, 7-10ps accum.
• 3.3V operation.
• Available in 8-Pin TSSOP or SOIC.
DESCRIPTIONS
The PLL602-41 is a low cost, high performance and
low phase noise XO, providing less than -137dBc at
10kHz offset in the 48MHz to 96MHz operating
range. The very low jitter (3 to 6 ps RMS period jitter
and 7 to 10 ps RMS accumulated jitter) makes this
chip ideal for applications requiring reference fre-
quency sources. Input crystal can range from 12 to
24MHz (fundamental resonant mode).
PIN CONFIGURATION
OUTPUT RANGE
MULTIPLIER
FREQUENCY
RANGE
OUTPUT
BUFFER
X4
48 - 96MHz
CMOS
BLOCK DIAGRAM
Reference
Divider
Phase
Comparator
Charge
Pump
Loop
Filter
VCO
VCO
Divider
XTAL
OSC
OE
XIN
XOUT
CLK
1
2
3
4
5
6
7
8
CLK
VDD
OE
XIN
GND
N/C
XOUT
GND


Similar Part No. - PLL602-41

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-42 PLL-PLL602-42 Datasheet
98Kb / 4P
Low Phase Noise CMOS XO (96MHz to 190MHz)
PLL602-42XOC PLL-PLL602-42XOC Datasheet
98Kb / 4P
Low Phase Noise CMOS XO (96MHz to 190MHz)
PLL602-42XOI PLL-PLL602-42XOI Datasheet
98Kb / 4P
Low Phase Noise CMOS XO (96MHz to 190MHz)
PLL602-42XOM PLL-PLL602-42XOM Datasheet
98Kb / 4P
Low Phase Noise CMOS XO (96MHz to 190MHz)
PLL602-42XSC PLL-PLL602-42XSC Datasheet
98Kb / 4P
Low Phase Noise CMOS XO (96MHz to 190MHz)
More results

Similar Description - PLL602-41

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL602-03 ETC1-PLL602-03 Datasheet
198Kb / 4P
Low Phase Noise CMOS XO (48MHz to 100MHz)
logo
PhaseLink Corporation
PLL602-04 PLL-PLL602-04 Datasheet
201Kb / 4P
Low Phase Noise CMOS XO (96MHz to 200MHz)
PLL602-10 PLL-PLL602-10 Datasheet
122Kb / 7P
96MHz - 400MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PLL602-42 PLL-PLL602-42 Datasheet
98Kb / 4P
Low Phase Noise CMOS XO (96MHz to 190MHz)
PLL602-03 PLL-PLL602-03 Datasheet
200Kb / 4P
Low Phase Noise CMOS XO (48MHz to 100MHz)
logo
Micrel Semiconductor
PL602-04 MICREL-PL602-04 Datasheet
260Kb / 4P
Low Phase Noise CMOS XO (96MHz to 200MHz)
PL602-03 MICREL-PL602-03 Datasheet
259Kb / 4P
Low Phase Noise CMOS XO (48MHz to 100MHz)
logo
Abracon Corporation
ABX0212 ABRACON-ABX0212 Datasheet
60Kb / 5P
96MHz -192MHz Low Phase Noise LVDS XO (12 ??25MHz Crystal)
03/21/05
ABX0203 ABRACON-ABX0203 Datasheet
54Kb / 4P
Low Phase Noise CMOS XO (48MHz to 100MHz)
ABX0204 ABRACON-ABX0204 Datasheet
54Kb / 4P
Low Phase Noise CMOS XO (96MHz to 200MHz)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com