Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMODUSB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # CMODUSB
Description  Fully Assembled and Tested
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CMODUSB Datasheet(HTML) 1 Page - Maxim Integrated Products

  CMODUSB Datasheet HTML 1Page - Maxim Integrated Products CMODUSB Datasheet HTML 2Page - Maxim Integrated Products CMODUSB Datasheet HTML 3Page - Maxim Integrated Products CMODUSB Datasheet HTML 4Page - Maxim Integrated Products CMODUSB Datasheet HTML 5Page - Maxim Integrated Products CMODUSB Datasheet HTML 6Page - Maxim Integrated Products CMODUSB Datasheet HTML 7Page - Maxim Integrated Products CMODUSB Datasheet HTML 8Page - Maxim Integrated Products CMODUSB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX5581 evaluation system (EV system) is a com-
plete, 4-channel, 12-bit, data-generation system. The
MAX5581 EV system (MAX5581EVCMODU) consists of
a MAX5581 evaluation kit (EV kit) and the Maxim
CMODUSB command module. Order the EV kit
(MAX5581EVKIT) separately if an SPI™ master or the
CMODUSB command module is already available.
The EV kit comes with the MAX5581AETP installed.
Contact the factory for free samples of the pin-compatible
MAX5580_ETP–MAX5585ETP to evaluate these devices.
Features
♦ Proven PC Board Layout
♦ Windows® 98-/2000-/XP-Compatible Evaluation
Software
♦ Pushbutton Switches for Easy UPIO_ Evaluation
♦ Fully Assembled and Tested
MAX5581 Evaluation Kit/Evaluation System
________________________________________________________________ Maxim Integrated Products
1
19-3719; Rev 0; 6/05
MAX5581EVCMODU
Component List
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
INTERFACE TYPE
MAX5581EVKIT
User-supplied SPI master
MAX5581EVCMODU
Windows software
PART
QTY
DESCRIPTION
MAX5581EVKIT
1
MAX5581 EV kit
CMODUSB
1
CMODUSB command module
Note: The MAX5581 software is included with the MAX5581 EV
kit but is designed for use with the complete EV system. The
EV system includes both the Maxim command module and the
EV kit. If the Windows software will not be used, the EV kit
board can be purchased without the Maxim command module.
Note: To evaluate the MAX5580_ETP–MAX5585ETP, request a
free sample when ordering the MAX5581 EV kit.
SPI is a trademark of Motorola, Inc.
Windows is a registered trademark of Microsoft Corporation.
Component List
DESIGNATION
QTY
DESCRIPTION
C1, C4
2
10µF ±20%, 6.3V X5R ceramic
capacitors (0805)
TDK C2012X5R0J106M
C2, C3, C5, C6,
C7
5
0.1µF ±10%, 16V X7R ceramic
capacitors (0603)
TDK C1608X7R1C104KT
FB1
1
Surface-mount ferrite bead (0603)
TDK MMZ1608B601C
J1
1
2 x 20 right-angle female connector
J2
1
10-pin, 2 x 5 header
JU1, JU2, JU6
3
3-pin headers
JU3, JU4, JU5
0
Not installed (2-pin headers)
R1–R8
8
10k
Ω ±0.1% resistors (0805)
R9–R16
0
Not installed (thru-hole resistors)
R17, R19
2
100k
Ω ±5% resistors (0805)
R18, R20
2
1k
Ω ±5% resistors (0805)
R21
1
10k
Ω ±5% resistor (0805)
SW1, SW2
2
Pushbutton switches, momentary,
normally open
U1
1
MAX5581AETP (20-pin thin QFN-EP)
U2
1
+2.5V voltage reference (8-pin SO)
Maxim MAX6126AASA25
None
3
Shunts
None
1
MAX5581 EV kit blank PC board
None
1
MAX5581 EV kit software CD
Component Supplier
SUPPLIER
PHONE
WEBSITE
TDK
847-803-6100
www.component.tdk.com
Note: Indicate you are using the MAX5581 when contacting
this component supplier.
MAX5581EV Kit Files
INSTALL.EXE
Installs the EV kit files on your computer
MAX5581.EXE
Application program
HELPFILE.HTM
MAX5581 EV kit help file
FTD2XX.INF
USB driver file
UNINST.INI
Uninstalls the EV kit software


Similar Part No. - CMODUSB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
CMODUSB MAXIM-CMODUSB Datasheet
685Kb / 13P
Independent Output Controls for Each Channel
Rev 0; 1/05
CMODUSB MAXIM-CMODUSB Datasheet
158Kb / 9P
Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/05
More results

Similar Description - CMODUSB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9986AEVKIT MAXIM-MAX9986AEVKIT Datasheet
209Kb / 8P
Fully Assembled and Tested
Rev 0; 11/06
MAX9985EVKIT MAXIM-MAX9985EVKIT Datasheet
233Kb / 7P
Fully Assembled and Tested
Rev 0; 8/07
MAX7058EVKIT MAXIM-MAX7058EVKIT Datasheet
682Kb / 7P
Fully Assembled and Tested
Rev 0; 10/09
MAX7037EVKIT MAXIM-MAX7037EVKIT Datasheet
3Mb / 31P
Fully Assembled and Tested
Rev 3; 7/18
MAX1162EVC16 MAXIM-MAX1162EVC16 Datasheet
232Kb / 8P
Fully Assembled and Tested
Rev 1; 12/06
MAX3100EVKIT MAXIM-MAX3100EVKIT Datasheet
388Kb / 12P
Fully Assembled and Tested
Rev 0; 3/08
MAX1757EVKIT MAXIM-MAX1757EVKIT Datasheet
153Kb / 5P
Fully Assembled and Tested
Rev 0; 10/00
MAX1400EVKIT MAXIM-MAX1400EVKIT Datasheet
211Kb / 12P
Fully Assembled and Tested
Rev 2; 5/07
MAX1240EVKIT MAXIM-MAX1240EVKIT Datasheet
1Mb / 8P
Fully Assembled and Tested
Rev 2; 3/18
MAX9132EVKIT MAXIM-MAX9132EVKIT Datasheet
661Kb / 14P
Fully Assembled and Tested
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com