Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMODUSB Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # CMODUSB
Description  Fully Assembled and Tested
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CMODUSB Datasheet(HTML) 2 Page - Maxim Integrated Products

  CMODUSB Datasheet HTML 1Page - Maxim Integrated Products CMODUSB Datasheet HTML 2Page - Maxim Integrated Products CMODUSB Datasheet HTML 3Page - Maxim Integrated Products CMODUSB Datasheet HTML 4Page - Maxim Integrated Products CMODUSB Datasheet HTML 5Page - Maxim Integrated Products CMODUSB Datasheet HTML 6Page - Maxim Integrated Products CMODUSB Datasheet HTML 7Page - Maxim Integrated Products CMODUSB Datasheet HTML 8Page - Maxim Integrated Products CMODUSB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MAX5581 Evaluation Kit/Evaluation System
2
_______________________________________________________________________________________
Quick Start
Recommended Equipment
• MAX5581EVCMODU EV system (MAX5581EVKIT
and CMODUSB command module with USB
cable included)
• Power supply: 5V at 100mA (AVDD)
• Digital voltmeter (DVM)
•A user-supplied Windows 98/2000/XP PC with an
available USB port
Procedure
Do not turn on the power until all connections
are made.
1) Verify jumper J1 on the CMODUSB module is con-
nected to pins 1-2. This sets the logic supply to 5V.
2) Verify that JU1 on the MAX5581 EV kit is set to 2-3
(DAC outputs are set to zero on power-up).
3) Verify that JU2 on the MAX5581 EV kit is set to 2-3
(UPIO1 connected to SPI MISO (DOUT) line).
4) Verify that JU6 on the MAX5581 EV kit is set to 1-2
(SPI data is clocked in on the rising edge of SCLK).
5) Connect the MAX5581 EV kit’s 40-pin female con-
nector (J1) to the CMODUSB module’s 40-pin male
connector (P4).
6) Install the MAX5581 evaluation software on your
computer by running the INSTALL.EXE program on
the installation CD-ROM. The program files are
copied and icons are created for them in the
Windows Start menu.
7) Connect the 5V power supply between the
MAX5581 EV kit’s AVDD and AGND pads. Turn on
the 5V power supply.
8) Connect the included USB cable from the PC to the
CMODUSB command module. A Building Driver
Database window will pop up in addition to a New
Hardware Found message. If you do not see any
window that is similar to the one described above
after 30s, try removing the USB cable from the
CMODUSB command module and reconnect it
again. Administrator privileges are required to
install the USB device driver on Windows 2000/XP.
9) Follow the directions of the Add New Hardware
Wizard to install the USB device driver. Choose the
Search for the best driver for your device option.
Specify the location of the device driver to be
C:\Max5581 using the Browse button.
10) Start the MAX5581 EV kit software by opening its
icon in the Start menu.
11) Using the Load Input and Output (From Shift)
Tab, press the Load All DACs button.
12) Verify that all Output Register Code and Voltage
labels update with 0x800 and 1.25V, respectively,
at the bottom of the MAX5581 EV kit software’s main
window.
13) Measure the voltage at OUTA (J2-1) using the DVM
and verify that the voltage is approximately 1.25V.
Detailed Description of Software
The evaluation software’s main window, shown in Figure
1, displays the voltage and code for all DAC input and
output registers. In addition, the main window also
shows the shutdown and settling time status for all of the
DACs. Table 1 describes the controls that are always
present on the evaluation software’s main window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com