Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL602-89SC Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL602-89SC
Description  12-27 MHz XO IC with 1 Pair of LVDS and 1 CMOS Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-89SC Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL602-89SC Datasheet HTML 1Page - PhaseLink Corporation PLL602-89SC Datasheet HTML 2Page - PhaseLink Corporation PLL602-89SC Datasheet HTML 3Page - PhaseLink Corporation PLL602-89SC Datasheet HTML 4Page - PhaseLink Corporation PLL602-89SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PLL602-89
12-27 MHz XO IC with 1 Pair of LVDS and 1 CMOS Outputs
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 3
3. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Voltage
VDD
2.25
3.63
V
Fout = 12 MHz
15
20
Supply Current, Dy-
namic (with Loaded
Outputs)
IDD
CMOS outputs
loaded with 15pF,
LVDS outputs loaded
with 100 Ω
Fout = 25 MHz
20
25
mA
Short Circuit Current
±50
mA
4. AC Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Crystal Frequency
12
27
MHz
tr
0.8V ~ 2.0V with 10 pF load
1.5
Output Clock Rise Time
tr
0.3V ~ 3.0V with 15 pF load
2
5
tf
2.0V ~ 0.8V with 10 pF load
1.5
Output Clock Fall Time
tf
3.0V ~ 0.3V with 15pF load
2
5
ns
Measured @ 1.25 V (LVDS)
45
50
55
Output Clock Duty Cycle
Measured @ 50% VDD (CMOS)
45
50
55
%
5. Jitter Specifications
PARAMETERS
CONDITIONS
FREQUENCY
MIN.
TYP.
MAX.
UNITS
Period jitter RMS
With capacitive decoupling between
VDD and GND.
25MHz
2.5
4
ps
Peak to Peak jitter
With capacitive decoupling between
VDD and GND. Over 10,000 cycles.
25MHz
18
30
ps
6. CMOS Output Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output High Voltage
VOH
IOH = -12mA
2.4
V
Output Low Voltage
VOL
IOL = 12mA
0.4
V
Output High Voltage at CMOS level
VOHC
IOH = -4mA
VDD– 0.4
V
Output drive current
At TTL level
10
mA
7. CMOS Switching Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
0.8V ~ 2.0V with 10 pF load
1.15
Output Clock Rise/Fall Time
(Standard Drive)
0.3V ~ 3.0V with 15 pF load
2.4
0.8V ~ 2.0V with 10 pF load
0.5
Output Clock Rise/Fall Time
(High Drive)
0.3V ~ 3.0V with 15 pF load
1.5
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com