Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL602-89SC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL602-89SC
Description  12-27 MHz XO IC with 1 Pair of LVDS and 1 CMOS Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-89SC Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL602-89SC Datasheet HTML 1Page - PhaseLink Corporation PLL602-89SC Datasheet HTML 2Page - PhaseLink Corporation PLL602-89SC Datasheet HTML 3Page - PhaseLink Corporation PLL602-89SC Datasheet HTML 4Page - PhaseLink Corporation PLL602-89SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PLL602-89
12-27 MHz XO IC with 1 Pair of LVDS and 1 CMOS Outputs
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 1
FEATURES
• Low jitter XO for the 12MHz to 27MHz range.
• Integrated crystal load capacitor: no external
load capacitor required.
• 1 pair of LVDS outputs and 1 CMOS output.
• 12-27 MHz fundamental crystal input.
• Low jitter (RMS): 2.5 ps period jitter (1 sigma).
• 2.5V to 3.3V operation.
• Available in 8-Pin SOIC package.
PIN CONFIGURATION
(Top View)
DESCRIPTION
The PLL602-89 is a high performance multiple output XO IC chip. It provides 1 pair of LVDS and 1 CMOS outputs.
The chip combines a crystal oscillator (XO) with a multiple-output buffer. It accepts a low cost fundamental parallel
resonant mode crystal from 12MHz to 27MHz, which is reproduced at the outputs. The very low jitter (2.5 ps RMS
period jitter) makes this chip ideal for data and telecommunication applications.
BLOCK DIAGRAM
1
2
3
45
6
7
8
VDD
XIN
XOUT
GND
CMOS_CLK
LVDS_CLK
GND
LVDSBAR_CLK
XOUT
LVDS_CLK
XIN
CMOS_CLK
Oscillator
Amplifier
LVDSBAR_CLK
(8 pin SOIC)


Similar Part No. - PLL602-89SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-89C PLL-PLL602-89C Datasheet
222Kb / 5P
12-27 MHz XO IC with 1 Pair of LVDS and 2 CMOS Outputs
PLL602-89CSC PLL-PLL602-89CSC Datasheet
222Kb / 5P
12-27 MHz XO IC with 1 Pair of LVDS and 2 CMOS Outputs
PLL602-89CSC-R PLL-PLL602-89CSC-R Datasheet
222Kb / 5P
12-27 MHz XO IC with 1 Pair of LVDS and 2 CMOS Outputs
PLL602-89CSI PLL-PLL602-89CSI Datasheet
222Kb / 5P
12-27 MHz XO IC with 1 Pair of LVDS and 2 CMOS Outputs
PLL602-89D PLL-PLL602-89D Datasheet
219Kb / 5P
12-27 MHz XO IC with 2 Pairs of LVDS Outputs
More results

Similar Description - PLL602-89SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-89C PLL-PLL602-89C Datasheet
222Kb / 5P
12-27 MHz XO IC with 1 Pair of LVDS and 2 CMOS Outputs
PLL602-89D PLL-PLL602-89D Datasheet
219Kb / 5P
12-27 MHz XO IC with 2 Pairs of LVDS Outputs
PLL602-89T PLL-PLL602-89T Datasheet
221Kb / 5P
12-27 MHz XO IC with 3 Pairs of LVDS and 1 CMOS Outputs
logo
Pericom Semiconductor C...
FNSTB1027 PERICOM-FNSTB1027 Datasheet
735Kb / 2P
3.3V CMOS Low-Jitter 27 MHz MPEG4 XO
FNSURV027 PERICOM-FNSURV027 Datasheet
738Kb / 2P
3.3V CMOS Low-Jitter 27 MHz MPEG4 XO
logo
Microchip Technology
PL610-01 MICROCHIP-PL610-01 Datasheet
316Kb / 20P
1.8V to 3.3V, 1 MHz to 130 MHz XO IC
06/23/16
logo
Abracon Corporation
ABX0289 ABRACON-ABX0289 Datasheet
97Kb / 5P
12-27 MHz XO IC with 1 Pair of LVDS and 1 CMOS Outputs
03/21/05
ABX0289C ABRACON-ABX0289C Datasheet
97Kb / 5P
12-27 MHz XO IC with 1 Pair of LVDS and 2 CMOS Outputs
03/21/05
ABX0289D ABRACON-ABX0289D Datasheet
94Kb / 5P
12-27 MHz XO IC with 2 Pairs of LVDS Outputs
03/21/05
ABX0289T ABRACON-ABX0289T Datasheet
99Kb / 5P
12-27 MHz XO IC with 3 Pairs of LVDS and 1 CMOS Outputs
03/21/05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com