Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL610-01 Datasheet (PDF) - Microchip Technology

PL610-01 Datasheet PDF - Microchip Technology
Part # PL610-01
Download  PL610-01 Download
File Size   316.78 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.8V to 3.3V, 1 MHz to 130 MHz XO IC

PL610-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
PL610-01 Datasheet PDF - Microchip Technology

Part # PL610-01
Download  PL610-01 Click to download

File Size   316.78 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.8V to 3.3V, 1 MHz to 130 MHz XO IC

PL610-01 Datasheet (HTML) - Microchip Technology


PL610-01 Product details

General Description
The PL610 is a high performance general purpose oscillator IC for outputs up to 130 MHz. Designed to fit in a small 2 mm x 1.3 mm TDFN or 3 mm x 3 mm SOT-23 package, the PL610 offers the best phase noise and jitter performance as well as the lowest power consumption of any comparable IC.

Features
• Wide Frequency Coverage, Programmable, Advanced Oscillator Design
• Programmable “Odd/Even” Divider up to ÷63
• Direct Oscillation Operation with Optional Programmable Features:
    - Output Drive Strength (4 mA, 8 mA, or 16 mA)
    - 6-bit Odd/Even Output Divider
• Input Frequency:
    - Fundamental Crystal: 5 MHz to 130 MHz
    - Reference Clock: 1 MHz to 130 MHz
• Supports CMOS or Sine Wave Input Clock
• Output Frequency: 20 kHz to 130 MHz
• Very Low Jitter and Phase Noise
• Low Current Consumption
• Single 1.8V ~ 3.3V ±10% Power Supply
• Operating Temperature Range from –40°C to +85°C
• Available in 6-pin TDFN or SOT-23 GREEN/RoHS-Compliant Packaging




Similar Part No. - PL610-01

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL610-01 PLL-PL610-01 Datasheet
271Kb / 11P
1.8V to 3.3V, 1MHz to 130MHz XO IC
PL610-01-XXXGC PLL-PL610-01-XXXGC Datasheet
271Kb / 11P
1.8V to 3.3V, 1MHz to 130MHz XO IC
PL610-01-XXXGC-R PLL-PL610-01-XXXGC-R Datasheet
271Kb / 11P
1.8V to 3.3V, 1MHz to 130MHz XO IC
PL610-01-XXXGI PLL-PL610-01-XXXGI Datasheet
271Kb / 11P
1.8V to 3.3V, 1MHz to 130MHz XO IC
PL610-01-XXXGI-R PLL-PL610-01-XXXGI-R Datasheet
271Kb / 11P
1.8V to 3.3V, 1MHz to 130MHz XO IC
More results


Similar Description - PL610-01

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL600-27-37 PLL-PLL600-27-37 Datasheet
185Kb / 5P
Ultra Low Current XO 10 MHz to 52 MHz
PLL600-27B PLL-PLL600-27B Datasheet
203Kb / 5P
Ultra Low Current XO 10 MHz to 52 MHz
logo
Micro Analog systems
MAS9281 MAS-MAS9281 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
logo
PhaseLink Corporation
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
logo
Abracon Corporation
ABX0027B ABRACON-ABX0027B Datasheet
177Kb / 5P
Ultra Low Current XO 10 MHz to 52 MHz
06/23/06
logo
PhaseLink Corporation
PL610-01 PLL-PL610-01 Datasheet
271Kb / 11P
1.8V to 3.3V, 1MHz to 130MHz XO IC
logo
List of Unclassifed Man...
591BD-DDG ETC2-591BD-DDG Datasheet
121Kb / 12P
1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
logo
Microchip Technology
PL613-01 MICROCHIP-PL613-01 Datasheet
403Kb / 20P
1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
PL610-02 MICROCHIP-PL610-02 Datasheet
205Kb / 16P
1.8V to 3.3V Single IC XO with Frequency Tuning (10 MHz to 130 MHz)
06/23/16
logo
Skyworks Solutions Inc.
SI590 SKYWORKS-SI590 Datasheet
521Kb / 16P
1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Rev. 1.2
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com