Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL610-01-XXXGC-R Datasheet (PDF) - PhaseLink Corporation

PL610-01-XXXGC-R Datasheet PDF - PhaseLink Corporation
Part # PL610-01-XXXGC-R
Download  PL610-01-XXXGC-R Download
File Size   271.38 Kbytes
Page   11 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description 1.8V to 3.3V, 1MHz to 130MHz XO IC

PL610-01-XXXGC-R Datasheet (PDF)

Go To PDF Page Download Datasheet
PL610-01-XXXGC-R Datasheet PDF - PhaseLink Corporation

Part # PL610-01-XXXGC-R
Download  PL610-01-XXXGC-R Click to download

File Size   271.38 Kbytes
Page   11 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description 1.8V to 3.3V, 1MHz to 130MHz XO IC

PL610-01-XXXGC-R Datasheet (HTML) - PhaseLink Corporation


PL610-01-XXXGC-R Product details

DESCRIPTION
The PL610 is a high performance general purpose oscillator IC for outputs up to 130MHz. Designed to fit in a small 2 x 1.3mm DFN or 3 x 3mm SOT23 package, the PL610 offers the best phase noise and jitter performance and lowest power consumption of any comparable IC.

FEATURES
• Wide frequency coverage, programmable, advanced oscillator design.
• Programmable “Odd/Even” Divider up to ÷63
• Direct oscillation operation with optional programmable features:
    o Output Drive Strength (4, 8, or 16mA)
    o 6-bit Odd/Even Output Divider
• Input Frequency:
    o Fundamental Crystal: 5MHz to 130MHz
    o Reference Clock: 1MHz to 130MHz
• Supports CMOS or Sine Wave input clock
• Output Frequency: 20kHz to 130MHz
• Very low Jitter and Phase Noise
• Low current consumption
• Single 1.8V, 2.5V, or 3.3V ± 10% power supply
• Operating temperature range from -40°C to 85°C




Similar Part No. - PL610-01-XXXGC-R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PL610-01-XXXGC-TR MICROCHIP-PL610-01-XXXGC-TR Datasheet
316Kb / 20P
1.8V to 3.3V, 1 MHz to 130 MHz XO IC
06/23/16
More results


Similar Description - PL610-01-XXXGC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL620-30 PLL-PLL620-30 Datasheet
209Kb / 6P
PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PLL620-38 PLL-PLL620-38 Datasheet
219Kb / 6P
PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
PL611S-27 PLL-PL611S-27 Datasheet
213Kb / 9P
1.8V to 3.3V PicoPLLTM Programmable Clock
logo
Pericom Semiconductor C...
FDQ-1.8V PERICOM-FDQ-1.8V Datasheet
983Kb / 2P
1.8V CMOS Low Jitter XO
logo
Microchip Technology
PL613-01 MICROCHIP-PL613-01 Datasheet
403Kb / 20P
1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
PL610-01 MICROCHIP-PL610-01 Datasheet
316Kb / 20P
1.8V to 3.3V, 1 MHz to 130 MHz XO IC
06/23/16
PL610-02 MICROCHIP-PL610-02 Datasheet
205Kb / 16P
1.8V to 3.3V Single IC XO with Frequency Tuning (10 MHz to 130 MHz)
06/23/16
logo
E-CMOS Corporation
ECV321 E-CMOS-ECV321 Datasheet
490Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
ECV358 E-CMOS-ECV358 Datasheet
798Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com