Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL610-01-XXXGC-R Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PL610-01-XXXGC-R
Description  1.8V to 3.3V, 1MHz to 130MHz XO IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL610-01-XXXGC-R Datasheet(HTML) 1 Page - PhaseLink Corporation

  PL610-01-XXXGC-R Datasheet HTML 1Page - PhaseLink Corporation PL610-01-XXXGC-R Datasheet HTML 2Page - PhaseLink Corporation PL610-01-XXXGC-R Datasheet HTML 3Page - PhaseLink Corporation PL610-01-XXXGC-R Datasheet HTML 4Page - PhaseLink Corporation PL610-01-XXXGC-R Datasheet HTML 5Page - PhaseLink Corporation PL610-01-XXXGC-R Datasheet HTML 6Page - PhaseLink Corporation PL610-01-XXXGC-R Datasheet HTML 7Page - PhaseLink Corporation PL610-01-XXXGC-R Datasheet HTML 8Page - PhaseLink Corporation PL610-01-XXXGC-R Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
(Preliminary)
PL610-01
1.8V to 3.3V, 1MHz to 130MHz XO IC
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 4/2/07 Page 1
1
2
3
4
5
6
OE^, PDB^, CLK1
GND
XIN, FIN
VDD
XOUT
CLK0
DFN-6L
(2.0mmx1.3mmx0.6mm)
SOT23-6L
(3.0mmx3.0mmx1.35mm)
XIN, FIN
GND
XOUT
VDD
CLK0
OE^, PDB^, CLK1
1
4
5
6
3
2
FEATURES
 Wide frequency coverage, programmable, advanced
oscillator design.
 Programmable “Odd/Even” Divider up to ÷63
 Direct oscillation operation with optional
programmable features:
o
Output Drive Strength (4, 8, or 16mA)
o
6-bit Odd/Even Output Divider
 Input Frequency:
o
Fundamental Crystal: 5MHz to 130MHz
o
Reference Clock: 1MHz to 130MHz
 Supports CMOS or Sine Wave input clock
 Output Frequency: 20kHz to 130MHz
 Very low Jitter and Phase Noise
 Low current consumption
 Single 1.8V, 2.5V, or 3.3V ± 10% power supply
 Operating temperature range from -40C to 85C
DESCRIPTION
The PL610 is a high performance general purpose
oscillator IC for outputs up to 130MHz. Designed to
fit in a small 2 x 1.3mm DFN or 3 x 3mm SOT23
package, the PL610 offers the best phase noise and
jitter performance and lowest power consumption of
any comparable IC.
In addition, there is a ‘6’ bit optional programmable
Odd/Even divider (default= ٪1), and ‘3’
programmable output drive strengths (4mA, 8mA
(default), 16mA) to choose from. The full feature set
of the PL610 makes it the most versatile XO for any
application.
PACKAGE PIN CONFIGURATION
BLOCK DIAGRAM


Similar Part No. - PL610-01-XXXGC-R

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PL610-01-XXXGC-TR MICROCHIP-PL610-01-XXXGC-TR Datasheet
316Kb / 20P
1.8V to 3.3V, 1 MHz to 130 MHz XO IC
06/23/16
More results

Similar Description - PL610-01-XXXGC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL620-30 PLL-PLL620-30 Datasheet
209Kb / 6P
PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PLL620-38 PLL-PLL620-38 Datasheet
219Kb / 6P
PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PL611S-17 PLL-PL611S-17 Datasheet
222Kb / 9P
1.8V-3.3V PicoPLLTM KHz to MHz Programmable Clock
PL611S-27 PLL-PL611S-27 Datasheet
213Kb / 9P
1.8V to 3.3V PicoPLLTM Programmable Clock
logo
Pericom Semiconductor C...
FDQ-1.8V PERICOM-FDQ-1.8V Datasheet
983Kb / 2P
1.8V CMOS Low Jitter XO
logo
Microchip Technology
PL613-01 MICROCHIP-PL613-01 Datasheet
403Kb / 20P
1.8V to 3.3V, PicoPLL, 3-PLL, 200 MHz, 8 Output Clock IC
06/23/16
PL610-01 MICROCHIP-PL610-01 Datasheet
316Kb / 20P
1.8V to 3.3V, 1 MHz to 130 MHz XO IC
06/23/16
PL610-02 MICROCHIP-PL610-02 Datasheet
205Kb / 16P
1.8V to 3.3V Single IC XO with Frequency Tuning (10 MHz to 130 MHz)
06/23/16
logo
E-CMOS Corporation
ECV321 E-CMOS-ECV321 Datasheet
490Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
ECV358 E-CMOS-ECV358 Datasheet
798Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com