Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL620-28 Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL620-28
Description  Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-28 Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL620-28 Datasheet HTML 1Page - PhaseLink Corporation PLL620-28 Datasheet HTML 2Page - PhaseLink Corporation PLL620-28 Datasheet HTML 3Page - PhaseLink Corporation PLL620-28 Datasheet HTML 4Page - PhaseLink Corporation PLL620-28 Datasheet HTML 5Page - PhaseLink Corporation PLL620-28 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PLL620-28/-29
Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 07/08/05 Page 3
3. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current (Loaded
Outputs)
IDD
PECL/LVDS
100/80
mA
Operating Voltage
VDD
2.97
3.63
V
Output Clock Duty Cycle
@ 1.25V (LVDS)
@ VDD – 1.3V (PECL)
45
45
50
50
55
55
%
Short Circuit Current
±50
mA
4. Jitter Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Period jitter RMS
2.5
Period jitter peak-to-peak
At 155.52MHz, with capacitive decoupling
between VDD and GND.
18.5
ps
Accumulated jitter RMS
2.5
Accumulated jitter peak-to-peak
At 155.52MHz, with capacitive decoupling
between VDD and GND. Over 10,000
cycles.
24
ps
Integrated jitter RMS at 155MHz
Integrated 12 kHz to 20 MHz
0.3
ps
5. Phase Noise Specifications
PARAMETERS
FREQUENCY
@10Hz
@100Hz
@1kHz
@10kHz @100kHz
UNITS
Phase Noise relative to carrier
155.52MHz
-80
-110
-125
-143
-145
dBc/Hz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com