Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL620-28 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL620-28
Description  Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-28 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL620-28 Datasheet HTML 1Page - PhaseLink Corporation PLL620-28 Datasheet HTML 2Page - PhaseLink Corporation PLL620-28 Datasheet HTML 3Page - PhaseLink Corporation PLL620-28 Datasheet HTML 4Page - PhaseLink Corporation PLL620-28 Datasheet HTML 5Page - PhaseLink Corporation PLL620-28 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PLL620-28/-29
Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 07/08/05 Page 1
FEATURES
• 100MHz to 200MHz Fundamental Mode Crystal.
• Output range: 100 – 200MHz (no PLL).
• Low Injection Power for crystal 50uW.
• Sub 0.5pS RMS phase jitter ( 12kHz to 20MHz ).
• PECL (PLL620-28) or LVDS output (PLL620-29).
• Supports 2.5V or 3.3V-Power Supply.
• Available in 16-Pin TSSOP.
DESCRIPTION
The PLL620-28/-29 family of XO ICs is specifically
designed to work with high frequency fundamental
and third overtone crystals. They achieve very low
current into the crystal, resulting in better stability.
Their very low jitter makes them ideal for the most
demanding timing requirements.
BLOCK DIAGRAM
PIN CONFIGURATION
(Top View)
OUTPUT ENABLE LOGICAL LEVELS
Part #
OE
State
0 (Default)
Output enabled
PLL620-28
1
Tri-state
0
Tri-state
PLL620-29
1 (Default)
Output enabled
OE input: Logical states defined by PECL levels for PLL620-28
Logical states defined by CMOS levels for PLL620-29
XIN
XOUT
OE
Q
PLL620-28/-29
Q
Oscillator
Amplifier


Similar Part No. - PLL620-28

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL620-20 PLL-PLL620-20 Datasheet
203Kb / 7P
Low Phase Noise XO (for HF Fund. and 3rd O.T.)
PLL620-20DC PLL-PLL620-20DC Datasheet
203Kb / 7P
Low Phase Noise XO (for HF Fund. and 3rd O.T.)
PLL620-21 PLL-PLL620-21 Datasheet
215Kb / 7P
Low Phase Noise XO (for HF Fund. and 3-rd O.T.)
PLL620-21DC PLL-PLL620-21DC Datasheet
215Kb / 7P
Low Phase Noise XO (for HF Fund. and 3-rd O.T.)
PLL620-21DI PLL-PLL620-21DI Datasheet
215Kb / 7P
Low Phase Noise XO (for HF Fund. and 3-rd O.T.)
More results

Similar Description - PLL620-28

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL620-05 ETC1-PLL620-05 Datasheet
266Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
logo
PhaseLink Corporation
PLL520-28-29 PLL-PLL520-28-29 Datasheet
242Kb / 7P
Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
PLL520-40 PLL-PLL520-40 Datasheet
217Kb / 5P
CMOS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
PLL520-70 PLL-PLL520-70 Datasheet
91Kb / 5P
CMOS Low Phase Noise VCXO (for 45-90MHz Fund Xtal)
PLL520-00 PLL-PLL520-00 Datasheet
218Kb / 8P
Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
PLL520-05 PLL-PLL520-05 Datasheet
239Kb / 8P
Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
PLL620-05 PLL-PLL620-05 Datasheet
265Kb / 8P
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
logo
Abracon Corporation
ABX2028 ABRACON-ABX2028 Datasheet
227Kb / 6P
Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
03/21/05
ABV2005 ABRACON-ABV2005 Datasheet
93Kb / 8P
Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
ABV2028 ABRACON-ABV2028 Datasheet
94Kb / 7P
Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com