Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF321B Datasheet(PDF) 48 Page - Dialog Semiconductor

Part # AT25SF321B
Description  32-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF321B Datasheet(HTML) 48 Page - Dialog Semiconductor

Back Button AT25SF321B Datasheet HTML 44Page - Dialog Semiconductor AT25SF321B Datasheet HTML 45Page - Dialog Semiconductor AT25SF321B Datasheet HTML 46Page - Dialog Semiconductor AT25SF321B Datasheet HTML 47Page - Dialog Semiconductor AT25SF321B Datasheet HTML 48Page - Dialog Semiconductor AT25SF321B Datasheet HTML 49Page - Dialog Semiconductor AT25SF321B Datasheet HTML 50Page - Dialog Semiconductor AT25SF321B Datasheet HTML 51Page - Dialog Semiconductor AT25SF321B Datasheet HTML 52Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
47
AT25SF321B
DS-AT25SF321B–179E–06-2020
12.6 Resume from Deep Power-Down (ABh)
To exit the Deep Power-Down mode and resume normal device operation, the Resume from Deep Power-Down
command must be issued. The Resume from Deep Power-Down command is the only command that the device
recognizes while in the Deep Power-Down mode.
To resume from the Deep Power-Down mode, the CS pin must be asserted first, and the opcode of ABh must be
clocked into the device. Any additional data clocked into the device after the opcode is ignored. When the CS pin is
deasserted, the device exits the Deep Power-Down mode and returns to the Standby Mode. After the device has
returned to the Standby Mode, normal command operations, such as Read Array, can be resumed.
If the complete opcode is not clocked in before the CS pin is deasserted, or if the CS pin is not deasserted on an
byte boundary (multiples of eight bits), the device aborts the operation and returns to the Deep Power-Down mode.
Figure 12-6. Resume from Deep Power-Down
SCK
CS
SI
SO
MSB
ICC
23
1
0
10101011
67
5
4
OPCODE
HIGH-IMPEDANCE
Deep Power-Down Mode Current
Active Current
Standby Mode Current
tRDPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com