Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SF321B Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # AT25SF321B
Description  32-Mbit SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SF321B Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button AT25SF321B Datasheet HTML 9Page - Dialog Semiconductor AT25SF321B Datasheet HTML 10Page - Dialog Semiconductor AT25SF321B Datasheet HTML 11Page - Dialog Semiconductor AT25SF321B Datasheet HTML 12Page - Dialog Semiconductor AT25SF321B Datasheet HTML 13Page - Dialog Semiconductor AT25SF321B Datasheet HTML 14Page - Dialog Semiconductor AT25SF321B Datasheet HTML 15Page - Dialog Semiconductor AT25SF321B Datasheet HTML 16Page - Dialog Semiconductor AT25SF321B Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
12
AT25SF321B
DS-AT25SF321B–179E–06-2020
1.
OP = Opcode (command number), AD = Address. DA = Data. 0 indicates the corresponding transfer does not occur in that command. 1 indicates the
transfer does occur. For example, 1-0-0 indicates a command transfer occurs, but no address or data transfers occur.
Op: Opcode or Commands (8-bits): 0 => No Opcode [continuous Read], 1 => 8 clocks for Opcode, 2 => 4 clocks for Opcode, 4 => 2 clocks for opcode.
AD: Address (24-bits) Only: 0 => No address, Opcode only operation, 1 => 24 clocks for Address, 2 => 12 clocks for address, 4 => 6 clocks for address.
AD: Address (24-bits) + Mode (8-bits): 2 => 12 clocks for address, 4 clocks for mode [BBh only], 4 => 6 clocks for address, 2 clocks for mode [EBh and E7h].
DA: Data(8-bits): 1 => 8 clocks for byte, 2 => 4 clocks for byte, 4 => 2 clocks for byte.
Page Program
02h
1-1-1
N
0
0
1+
Quad Page Program
32h
1-1-4
N
0
0
1+
Erase Commands
Block Erase (4 kbytes)
20h
1-1-0
N
0
0
0
Block Erase (32 kbytes)
52h
1-1-0
N
0
0
0
Block Erase (64 kbytes)
D8h
1-1-0
N
0
0
0
Chip Erase
C7h/60h
1-0-0
N
0
0
0
Suspend/Resume Commands
Program/Erase Suspend
75h
1-0-0
N
0
0
0
Program/Erase Resume
7Ah
1-0-0
N
0
0
0
Status Register Commands
Read Status Register 1
05h
1-0-1
N
0
0
1
Read Status Register 2
35h
1-0-1
N
0
0
1
Read Status Register 3
15h
1-0-1
N
0
0
1
Write Status Register 1
01h
1-0-1
N
0
0
1
Write Status Register 2
31h
1-0-1
N
0
0
1
Write Status Register 3
11h
1-0-1
N
0
0
1
Device Information Commands
Manufacturer/Device ID
90h
1-1-1
N
0
0
2
Mfgr./Device ID Dual I/O
92h
1-2-2
N
0
4
2
Mfgr./Device ID Quad I/O
94h
1-4-4
N
0
4
2
Read JEDEC ID
9Fh
1-0-1
N
0
0
3
Read Serial Flash Discoverable
Parameter
5Ah
1-1-1
N
0
8
1+
OTP Commands
Erase Security Registers
44h
1-1-0
N
0
0
0
Program Security Registers
42h
1-1-1
N
0
0
1+
Read Security Registers
48h
1-1-1
N
0
8
1+
Read Unique ID Number
4Bh
1-0-1
N
0
32
1+
Table 6-1.
AT25SF321B Command Table (continued)
Command Name
Command
Opcode
Bus Transfer Type
(OP-AD-DA)(1)
Mode Bit
Present
Mode Bit
Clocks
Wait Cycle
Dummy Clocks
# of Data
Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com