Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E-DWF Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # AT45DB021E-DWF
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E-DWF Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button AT45DB021E-DWF Datasheet HTML 4Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 5Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 6Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 7Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 8Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 9Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 10Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 11Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
7
AT45DB021E
DS-AT45DB021E—8789J—03/2021
WP
Write Protect: When the WP pin is asserted, all sectors specified for protection by the Sector
Protection Register are protected against program and erase operations regardless of whether
the Enable Sector Protection command has been issued or not. The WP pin functions
independently of the software controlled protection method. After the WP pin goes low, the
contents of the Sector Protection Register cannot be modified.
If a program or erase command is issued to the device while the WP pin is asserted, the device
ignores the command and perform no operation. The device returns to the idle state once the
CS pin has been deasserted. The Enable Sector Protection command and the Sector
Lockdown command are recognized by the device when the WP pin is asserted.
The WP pin is internally pulled-high and can be left floating if hardware-controlled protection is
not used. However, it is recommended that the WP pin also be externally connected to VCC
whenever possible.
Low
Input
RESET
Reset: A low state on the reset pin (RESET) terminates the operation in progress and reset the
internal state machine to an idle state. The device remains in the reset condition as long as a
low level is present on the RESET pin. Normal operation can resume once the RESET pin is
brought back to a high level.
The device incorporates an internal power-on reset circuit, so there are no restrictions on the
RESET pin during power-on sequences. If this pin/feature is not used, drive the RESET pin
high externally.
Low
Input
VCC
Device Power Supply: The VCC pin is used to supply the source voltage to the device.
Operations at invalid VCC voltages can produce spurious results; do not attempt this.
—
Power
GND
Ground: The ground reference for the power supply. Connect GND to the system ground.
—
Ground
Table 2-1.
Pin Configurations (continued)
Symbol
Name and Function
Asserted
State
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com