Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E-DWF Datasheet(PDF) 35 Page - Dialog Semiconductor

Part # AT45DB021E-DWF
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT45DB021E-DWF Datasheet(HTML) 35 Page - Dialog Semiconductor

Back Button AT45DB021E-DWF Datasheet HTML 31Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 32Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 33Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 34Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 35Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 36Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 37Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 38Page - Dialog Semiconductor AT45DB021E-DWF Datasheet HTML 39Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 74 page
background image
34
AT45DB021E
DS-AT45DB021E—8789J—03/2021
11
Deep Power-Down
During normal operation, the device is placed in the standby mode to consume less power as long as the CS pin
remains deasserted and no internal operation is in progress. The Deep Power-Down command offers the ability to
place the device into an even lower power consumption state called the Deep Power-Down mode.
When the device is in the Deep Power-Down mode, all commands, including the Status Register Read command,
are ignored with the exception of the Resume from Deep Power-Down command. Since all commands are ignored,
the mode can be used as an extra protection mechanism against program and erase operations.
Entering the Deep Power-Down mode is done by asserting the CS pin, clocking in the opcode B9h, and then
deasserting the CS pin. Any additional data clocked into the device after the opcode are ignored. When the CS pin
is deasserted, the device enters the Deep Power-Down mode within the maximum time of tEDPD.
The complete opcode must be clocked in before the CS pin is deasserted; otherwise, the device aborts the
operation and returns to the standby mode once the CS pin is deasserted. Also, the device defaults to the standby
mode after a power cycle.
The Deep Power-Down command is ignored if an internally self-timed operation such as a program or erase cycle
is in progress. The Deep Power-Down command must be reissued after the internally self-timed operation has
been completed in order for the device to enter the Deep Power-Down mode.
Figure 11-1. Deep Power-Down Timing
SCK
CS
SI
SO
MSB
I
CC
23
1
0
10111001
67
5
4
OPCODE
HIGH-IMPEDANCE
Standby Mode Current
Active Current
Deep Power-Down Mode Current
tEDPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com