Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL600-27SC Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL600-27SC
Description  Ultra Low Current XO 10 MHz to 52 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL600-27SC Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL600-27SC Datasheet HTML 1Page - PhaseLink Corporation PLL600-27SC Datasheet HTML 2Page - PhaseLink Corporation PLL600-27SC Datasheet HTML 3Page - PhaseLink Corporation PLL600-27SC Datasheet HTML 4Page - PhaseLink Corporation PLL600-27SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Preliminary
PLL600-27/-37
Ultra Low Current XO 10 MHz to 52 MHz
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 08/12/04 Page 3
3. Jitter and Phase Noise Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
RMS Period Jitter
(1 sigma – 1000 samples)
With capacitive decoupling
between VDD and GND.
2.1
2.5
ps
Phase Noise relative to carrier
30MHz @100Hz offset
-80
dBc/Hz
Phase Noise relative to carrier
30MHz @1kHz offset
-110
dBc/Hz
Phase Noise relative to carrier
30MHz @10kHz offset
-130
dBc/Hz
Phase Noise relative to carrier
30MHz @100kHz offset
-138
dBc/Hz
Phase Noise relative to carrier
30MHz @1MHz offset
-145
dBc/Hz
4. DC Specification
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
At 10MHz, Cload=15pF
1.0 / 0.75
1.1 / 0.9
At 13.5MHz, Cload=15pF
1.2 / 0.8
1.3 / 1.0
At 17.7MHz, Cload=15pF
1.5 / 1.0
1.6 / 1.1
At 27MHz, Cload=15pF
2.0 / 1.2
2.1 / 1.3
Supply Current, Dynamic,
with Loaded Outputs
(at VDD = 3.3V)
Respectively for PLL600
-27/-37
IDD
At 48MHz, Cload=15pF
3.5 / 2.1
3.6 / 2.2
mA
Output disabled, Osc. off
2
4
µA
Supply Current in tri-
state
IDD
Output disabled, Osc. On
520
µA
Operating Voltage
VDD
1.62
3.63
V
IOH = -12mA* (3.3V)
2.4
V
Output High Voltage
VOH
-37*, IOH = -12mA* (3.3V)
2.4
2.9
V
IOL = 12mA* (3.3V)
0.4
V
Output Low Voltage
VOL
-37*, IOL = 12mA* (3.3V)
0.32
0.4
V
Output High Voltage at
CMOS level (PLL600-27)
VOHC
IOH = -4mA
VDD – 0.4
V
Output drive current
(PLL600-27)
At TTL level (3.3V)
12
17
mA
Short Circuit Current
(3.3V)
±50
mA
* Note: PLL600-37 has non-standard CMOS VOH and VOL levels for lower current consumption, but meets CMOS input stage needs. PLL600-37
should be used to drive pure capacitive loads only.
5. Crystal Specifications
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
10
52
MHz
Crystal Loading Rating
CL (xtal)
8.5
pF
Maximum Sustainable Drive Level
200
µW
Operating Drive Level
50
µW
C0 (for frequencies below 30MHz)
5
pF
C0 (for frequencies above 30MHz)
4
pF
ESR
RS
30
Ω
Note: A detailed crystal specification document is also available for this part



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com