Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL600-27SC Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL600-27SC
Description  Ultra Low Current XO 10 MHz to 52 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL600-27SC Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL600-27SC Datasheet HTML 1Page - PhaseLink Corporation PLL600-27SC Datasheet HTML 2Page - PhaseLink Corporation PLL600-27SC Datasheet HTML 3Page - PhaseLink Corporation PLL600-27SC Datasheet HTML 4Page - PhaseLink Corporation PLL600-27SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Preliminary
PLL600-27/-37
Ultra Low Current XO 10 MHz to 52 MHz
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 08/12/04 Page 4
PACKAGE INFORMATION
C
L
A
8-PIN SOIC ( dimensions in mm )
E
H
D
A
1
e
B
Narrow SOIC
Symbol
Min.
Max.
A
1.47
1.73
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
4.80
4.95
E
3.80
4.00
H
5.80
6.20
L
0.38
1.27
e
1.27 BSC
6-PIN SOIC ( dimensions in mm )



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com