Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL600-27BSC-R Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL600-27BSC-R
Description  Ultra Low Current XO 10 MHz to 52 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL600-27BSC-R Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL600-27BSC-R Datasheet HTML 1Page - PhaseLink Corporation PLL600-27BSC-R Datasheet HTML 2Page - PhaseLink Corporation PLL600-27BSC-R Datasheet HTML 3Page - PhaseLink Corporation PLL600-27BSC-R Datasheet HTML 4Page - PhaseLink Corporation PLL600-27BSC-R Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary
PLL600-27B
Ultra Low Current XO 10 MHz to 52 MHz
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/03/05 Page 1
FEATURES
• Low phase noise (-145 dBc @ 10kHz offset).
• CMOS output with OE tri-state control.
• Ultra Low current consumption ( <2mA, at
27MHz, 3.3V)
• 10 to 52MHz fundamental or 3rd OT crystal input.
• 12mA drive capability at TTL output.
• Low jitter (RMS): 2.5ps period jitter.
• 1.8V, 2.5V and 3.3V DC operation.
• Available in 8 pin SOIC
DESCRIPTION
The PLL600-27B form a low cost family of XO IC’s,
designed to consume the lowest current on the mar-
ket for the 10MHz to 52MHz range. It accepts fun-
damental resonant mode crystal input from 10 to
52MHz. Providing less than -145 dBc at 10kHz offset
at 30MHz and with a very low jitter (2.5 ps RMS pe-
riod jitter) makes this chip ideal for applications re-
quiring low current frequency sources.
BLOCK DIAGRAM
PIN ASSIGNMENT (PACKAGE)
8-pin SOIC
PAD LAYOUT
OE LOGIC SELECTION TABLE
OE^
OUTPUT
0
Disabled - osc. off
1(default)
Enabled
SOT-23
1
2
3
4
5
6
GND
CLK
XOUT
XIN/FIN
OE^
VDD
XTAL
OSC
XIN/FIN
XOUT
CLK
OE
OSCSEL
1
2
3
4
XIN/FIN
5
6
7
8
OE^
DNC
GND
XOUT
DNC
VDD
CLK
^ : denotes internal pull-up
Y
X
(0,0)
32 mil
Die ID:
C500A-0505-05K
1
2
3
4
5
6
7
8
XOUT
DNC
VDD
CLK
XIN
OE
DNC
GND
(812, 986)


Similar Part No. - PLL600-27BSC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL600-27-37 PLL-PLL600-27-37 Datasheet
185Kb / 5P
Ultra Low Current XO 10 MHz to 52 MHz
PLL600-27F PLL-PLL600-27F Datasheet
193Kb / 4P
Low Power 5 Output XO 10MHz to 52MHz
PLL600-27FSC-R PLL-PLL600-27FSC-R Datasheet
193Kb / 4P
Low Power 5 Output XO 10MHz to 52MHz
PLL600-27M PLL-PLL600-27M Datasheet
192Kb / 4P
Dual XO with 4 CMOS Outputs 10MHz to 52MHz
PLL600-27MSC-R PLL-PLL600-27MSC-R Datasheet
192Kb / 4P
Dual XO with 4 CMOS Outputs 10MHz to 52MHz
More results

Similar Description - PLL600-27BSC-R

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL600-27-37 PLL-PLL600-27-37 Datasheet
185Kb / 5P
Ultra Low Current XO 10 MHz to 52 MHz
logo
Silicon Laboratories
SI530 SILABS-SI530 Datasheet
183Kb / 10P
CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI532 SILABS-SI532 Datasheet
173Kb / 10P
DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
SI534 SILABS-SI534 Datasheet
197Kb / 10P
CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Abracon Corporation
ABX0027B ABRACON-ABX0027B Datasheet
177Kb / 5P
Ultra Low Current XO 10 MHz to 52 MHz
06/23/06
logo
List of Unclassifed Man...
591BD-DDG ETC2-591BD-DDG Datasheet
121Kb / 12P
1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
logo
Skyworks Solutions Inc.
SI540 SKYWORKS-SI540 Datasheet
1Mb / 20P
Ultra Low Jitter Any-Frequency XO (125 fs), 0.2 to 1500 MHz
Revision 206609A May, 2023
SI545 SKYWORKS-SI545 Datasheet
923Kb / 21P
Ultra Low Jitter Any-Frequency XO (80 fs), 0.2 to 1500 MHz
Revision 206613A May, 2023
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
SI590 SKYWORKS-SI590 Datasheet
521Kb / 16P
1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Rev. 1.2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com