Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P600-37SC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # P600-37SC
Description  Ultra Low Current XO 10 MHz to 52 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P600-37SC Datasheet(HTML) 1 Page - PhaseLink Corporation

  P600-37SC Datasheet HTML 1Page - PhaseLink Corporation P600-37SC Datasheet HTML 2Page - PhaseLink Corporation P600-37SC Datasheet HTML 3Page - PhaseLink Corporation P600-37SC Datasheet HTML 4Page - PhaseLink Corporation P600-37SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary
PLL600-27/-37
Ultra Low Current XO 10 MHz to 52 MHz
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 08/12/04 Page 1
FEATURES
• Low phase noise (-130 dBc @ 10kHz offset).
• CMOS output with OE tri-state control.
• Selectable oscillator “on” or “off” ( Sleep Mode )
feature in output disable mode
• Ultra Low current consumption ( <2mA, <1.5mA
at 27MHz, 3.3V respectively for PLL600-27 and
PLL600-37)
•
Ultra Low disable mode current (<2uA when
disabled with osc. off)
• 10 to 52MHz fundamental or 3rd OT crystal input.
• 12mA drive capability at TTL output.
• Low jitter (RMS): 2.5ps period jitter.
• 1.8V, 2.5V and 3.3V DC operation.
• Available in 8 pin SOIC, 6 pin SOT or DIE.
DESCRIPTION
The PLL600-27/-37 form a low cost family of XO
IC’s, designed to consume the lowest current on the
market for the 10MHz to 52MHz range. It accepts
fundamental resonant mode crystal input from 10 to
52MHz. Providing less than -130dBc at 10kHz offset
at 30MHz and with a very low jitter (2.5 ps RMS pe-
riod jitter) makes this chip ideal for applications re-
quiring low current frequency sources.
BLOCK DIAGRAM
PIN ASSIGNMENT (PACKAGE)
8 pin SOIC
6 pin SOT
SELECTION TABLE
OE^
OSCSEL^*
OUTPUT
0
0
Disabled - osc. off
0
1
Disabled - osc. on
1
0
Enabled
1
1
Enabled
^ Internal Pull-up, default value is ‘1’ when not connected.
* Not available in 6 pin SOT package.
XTAL
OSC
XIN/FIN
XOUT
CLK
OE
OSCSEL
1
2
3
4
XIN/FIN
5
6
7
8
N/C
GND
OSCSEL^
XOUT
OE^
VDD
CLK
^ : denotes internal pull-up
1
2
3
4
5
6
CLK
GND
XIN/FIN
VDD
XOUT
OE^
^: denotes internal Pull-up


Similar Part No. - P600-37SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P600-37TSC PLL-P600-37TSC Datasheet
196Kb / 4P
Low Power 3 Outputs XO 10MHz to 52MHz
More results

Similar Description - P600-37SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL600-27B PLL-PLL600-27B Datasheet
203Kb / 5P
Ultra Low Current XO 10 MHz to 52 MHz
logo
Silicon Laboratories
SI530 SILABS-SI530 Datasheet
183Kb / 10P
CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI532 SILABS-SI532 Datasheet
173Kb / 10P
DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
SI534 SILABS-SI534 Datasheet
197Kb / 10P
CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Abracon Corporation
ABX0027B ABRACON-ABX0027B Datasheet
177Kb / 5P
Ultra Low Current XO 10 MHz to 52 MHz
06/23/06
logo
List of Unclassifed Man...
591BD-DDG ETC2-591BD-DDG Datasheet
121Kb / 12P
1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
logo
Skyworks Solutions Inc.
SI540 SKYWORKS-SI540 Datasheet
1Mb / 20P
Ultra Low Jitter Any-Frequency XO (125 fs), 0.2 to 1500 MHz
Revision 206609A May, 2023
SI545 SKYWORKS-SI545 Datasheet
923Kb / 21P
Ultra Low Jitter Any-Frequency XO (80 fs), 0.2 to 1500 MHz
Revision 206613A May, 2023
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
SI590 SKYWORKS-SI590 Datasheet
521Kb / 16P
1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Rev. 1.2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com