Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL601-26SC Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL601-26SC
Description  Audio Clock Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL601-26SC Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL601-26SC Datasheet HTML 1Page - PhaseLink Corporation PLL601-26SC Datasheet HTML 2Page - PhaseLink Corporation PLL601-26SC Datasheet HTML 3Page - PhaseLink Corporation PLL601-26SC Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary
PLL601-26
Audio Clock Generator
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 2
PIN DESCRIPTIONS
Name
Pin #
Type
Description
XIN/FIN
1
I
27Mhz Crystal or Reference input.
VDD
2
P
Power supply connection.
GND
3
P
Ground connection.
27MHz
4
O
27MHz reference output.
ACLK
5
O
Audio clock output (see selection table on page 1).
DNC
6
I
Do Not Connect.
FSEL
7
I
On-The-Fly audio frequency Switching (selector) Input. This pin has an
internal 60 KΩ pull up resistor.
XOUT
8
I
Crystal output. Do Not Connect if reference input is used.
Notes: I – Input pin; O – Output pin; P – power supply/ground pin.
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage Range
VDD
-0.5
4.6
V
Input Voltage Range
VI
-0.5
VDD
+0.5
V
Output Voltage Range
VO
-0.5
VDD
+0.5
V
Soldering Temperature (Green package)
260
°C
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature
0
+70
°C
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent
damage to the device and affect product reliability. These conditions represent a stress rating only, and functional operations of the
device at these or any other conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
AC SPECIFICATIONS
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Input Frequency(XIN)
Fundamental Crystal
27
MHz
Input (FIN) Frequency
27
MHz
Input (FIN) Signal Amplitude
Internally AC coupled
0.9
VDD
Vpp
Output Rise Time
15pF Load, 10/90%VDD
2.5
3.5
ns
Output Fall Time
15pF Load, 90/10%VDD
2.5
3.5
ns
Duty Cycle
At VDD/2
45
50
55
%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com