Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL601-26SC Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL601-26SC
Description  Audio Clock Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL601-26SC Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL601-26SC Datasheet HTML 1Page - PhaseLink Corporation PLL601-26SC Datasheet HTML 2Page - PhaseLink Corporation PLL601-26SC Datasheet HTML 3Page - PhaseLink Corporation PLL601-26SC Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary
PLL601-26
Audio Clock Generator
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 3
DC SPECIFICATIONS
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic, with
Loaded Outputs
IDD
At 27MHz, load=15pF
15
mA
Operating Voltage
VDD
2.25
3.63
V
Output Low Voltage
VOL
IOL = +4mA
0.4
V
Output High Voltage
VOH
IOH = -4mA
VDD –
0.4
V
Output Current
IOSD
VOL = 0.4V, VOH = 2.4V
10
mA
Short-circuit Current
IS
±50
mA
CRYSTAL SPECIFICATIONS
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Fundamental Crystal Resonator Frequency
FXIN
27
MHz
Crystal Loading Rating
CL (xtal)
16
pF
Maximum Sustainable Drive Level
500
µW
Operating Drive Level
100
µW
Crystal Shunt Capacitance
C0
6
pF
Effective Series Resistance, Fundamental, 27MHz
ESR
30
Ω
Note: A detailed crystal specification document is also available for this part
JITTER SPECIFICATIONS
PARAMETERS
CONDITIONS
FREQUENCY
MIN.
TYP.
MAX.
UNITS
Cycle to Cycle Jitter
Tcyc-cyc
27MHz
300
ps
Cycle to Cycle Jitter
Tcyc-cyc
Audio Clock
150
ps



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com