Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8553DTT/AJ Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8553DTT/AJ
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553DTT/AJ Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8553DTT/AJ Datasheet HTML 1Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 2Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 3Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 4Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 5Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 6Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 7Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 8Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
Bits labeled as 0 must always be written with logic 0.
Address Bits
Register name
AP[4:0]
7
6
5
4
3
2
1
0
Reference
Software_reset 00h
SR[7:0]
Table 8
Device_ctrl
01h
0
0
0
0
FF[1:0]
OSC
COE
Table 5
Display_ctrl_1
02h
0
0
0
BOOST MUX[1:0]
B
DE
Table 6
Display_ctrl_2
03h
0
0
0
0
0
BL[1:0]
INV
Table 7
Display data registers[1]
04h
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
SEG0
05h
SEG15 SEG14 SEG13 SEG12 SEG11 SEG10 SEG9
SEG8
06h
SEG23 SEG22 SEG21 SEG20 SEG19 SEG18 SEG17 SEG16
07h
SEG31 SEG30 SEG29 SEG28 SEG27 SEG26 SEG25 SEG24
COM0
08h
SEG39 SEG38 SEG37 SEG36 SEG35 SEG34 SEG33 SEG32
09h
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
SEG0
:
:
:
:
:
:
:
:
:
COM1
0Dh
SEG39 SEG38 SEG37 SEG36 SEG35 SEG34 SEG33 SEG32
0Eh
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
SEG0
:
:
:
:
:
:
:
:
:
COM2
12h
SEG39 SEG38 SEG37 SEG36 SEG35 SEG34 SEG33 SEG32
13h
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
SEG0
:
:
:
:
:
:
:
:
:
COM3
17h
SEG39 SEG38 SEG37 SEG36 SEG35 SEG34 SEG33 SEG32
Table 9
Table 4. Registers of the PCF8553...continued
[1]
See Table 9.
For writing to the registers, send the address byte first, then write the data to the register
(see Section 10.1.4 and Section 10.2.1). The address byte works as an address pointer.
For the succeeding registers, the address pointer is automatically incremented by 1 (see
Figure 3) and all following data are written into these register addresses. After register
17h, the auto-incrementing will stop and data are ignored.
aaa-011661
address counter
00h
auto-increment
01h
02h
03h
...
15h
16h
17h
Figure 3. Address counter incrementing
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
5 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com