Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8553DTT/AJ Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF8553DTT/AJ
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553DTT/AJ Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF8553DTT/AJ Datasheet HTML 7Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 8Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 9Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 10Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 11Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 12Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 13Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 14Page - NXP Semiconductors PCF8553DTT/AJ Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
Segments
SEG0 to SEG7
SEG8 to SEG15
SEG16 to SEG23
SEG24 to SEG31
SEG32 to SEG39
Backplanes[1]
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
COM0
content of 04h
content of 05h
content of 06h
content of 07h
content of 08h
COM1
content of 09h
content of 0Ah
content of 0Bh
content of 0Ch
content of 0Dh
static drive mode
COM0
content of 04h
content of 05h
content of 06h
content of 07h
content of 08h
Table 9. Register to segment and backplane mapping...continued
[1]
See also Section 8.3.1.
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
11 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com