Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8553DTT/AY Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8553DTT/AY
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553DTT/AY Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8553DTT/AY Datasheet HTML 11Page - NXP Semiconductors PCF8553DTT/AY Datasheet HTML 12Page - NXP Semiconductors PCF8553DTT/AY Datasheet HTML 13Page - NXP Semiconductors PCF8553DTT/AY Datasheet HTML 14Page - NXP Semiconductors PCF8553DTT/AY Datasheet HTML 15Page - NXP Semiconductors PCF8553DTT/AY Datasheet HTML 16Page - NXP Semiconductors PCF8553DTT/AY Datasheet HTML 17Page - NXP Semiconductors PCF8553DTT/AY Datasheet HTML 18Page - NXP Semiconductors PCF8553DTT/AY Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
off at positions of 1⁄3 and 2⁄3, or 1⁄2, depending on the bias mode chosen. To keep current
consumption to a minimum, on-chip low-power buffers provide these levels to the display.
8.2 LCD voltage selector
The LCD voltage selector coordinates the multiplexing of the LCD in accordance with the
selected LCD drive configuration. The operation of the voltage selector is controlled by
the Display_ctrl_1 command (see Table 6). The biasing configurations that apply to the
preferred modes of operation, together with the biasing characteristics as functions of
VLCD and the resulting discrimination ratios (D) are given in Table 11.
Number of:
LCD drive
mode
Backplanes Levels
LCD bias
configuration
static
1
2
static
0
1
∞
1:2 multiplex 2
3
1⁄2
0.354
0.791
2.236
1:2 multiplex 2
4
1⁄3
0.333
0.745
2.236
1:3 multiplex 3
4
1⁄3
0.333
0.638
1.915
1:4 multiplex 4
4
1⁄3
0.333
0.577
1.732
Table 11. Biasing characteristics
A practical value for VLCD is determined by equating Voff(RMS) with a defined LCD
threshold voltage (Vth(off)), typically when the LCD exhibits approximately 10 % contrast.
In the static drive mode, a suitable choice is VLCD > 3Vth(off).
Multiplex drive modes of 1:3 and 1:4 with 1⁄2 bias are possible but the discrimination and
hence the contrast ratios are smaller.
Bias is calculated with Equation 2
(2)
The values for abias are:
abias = 1 for 1⁄2 bias
abias = 2 for 1⁄3 bias
The RMS on-state voltage (Von(RMS)) for the LCD is calculated with Equation 3:
(3)
where the values for n are
nMUX = 1 for static drive mode
nMUX = 2 for 1:2 multiplex drive mode
nMUX = 3 for 1:3 multiplex drive mode
nMUX = 4 for 1:4 multiplex drive mode
The RMS off-state voltage (Voff(RMS)) for the LCD is calculated with Equation 4:
(4)
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
15 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com