Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8553DTT/AY Datasheet(PDF) 50 Page - NXP Semiconductors

Part # PCF8553DTT/AY
Description  40 횞 4 LCD segment driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8553DTT/AY Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button PCF8553DTT/AY Datasheet HTML 43Page - NXP Semiconductors PCF8553DTT/AY Datasheet HTML 44Page - NXP Semiconductors PCF8553DTT/AY Datasheet HTML 45Page - NXP Semiconductors PCF8553DTT/AY Datasheet HTML 46Page - NXP Semiconductors PCF8553DTT/AY Datasheet HTML 47Page - NXP Semiconductors PCF8553DTT/AY Datasheet HTML 48Page - NXP Semiconductors PCF8553DTT/AY Datasheet HTML 49Page - NXP Semiconductors PCF8553DTT/AY Datasheet HTML 50Page - NXP Semiconductors PCF8553DTT/AY Datasheet HTML 51Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
NXP Semiconductors
PCF8553
40 × 4 LCD segment driver
Tables
Tab. 1.
Ordering Information ......................................... 2
Tab. 2.
Ordering options ................................................2
Tab. 3.
Pin description of PCF8553DTT
(TSSOP56) ........................................................3
Tab. 4.
Registers of the PCF8553 .................................4
Tab. 5.
Device_ctrl - device control command
register (address 01h) bit description ................6
Tab. 6.
Display_ctrl_1 - display control command 1
register (address 02h) bit description ................7
Tab. 7.
Display_ctrl_2 - display control command 2
register (address 03h) bit description ................7
Tab. 8.
Software_reset - software reset command
register (address 00h) bit description .............. 10
Tab. 9.
Register to segment and backplane
mapping ...........................................................10
Tab. 10. Selection of possible display configurations .... 13
Tab. 11. Biasing characteristics .....................................15
Tab. 12. I2C slave address byte ................................... 27
Tab. 13. R/W-bit description ..........................................27
Tab. 14. Serial interface ................................................ 27
Tab. 15. Address byte definition ....................................28
Tab. 16. Limiting values ................................................ 30
Tab. 17. Electrical characteristics ..................................31
Tab. 18. Frequency characteristics ............................... 34
Tab. 19. I2C-bus characteristics ....................................35
Tab. 20. SPI-bus characteristics ....................................36
Tab. 21. SnPb eutectic process (from J-STD-020D) ..... 41
Tab. 22. Lead-free process (from J-STD-020D) ............41
Tab. 23. Selection of LCD segment drivers ...................44
Tab. 24. Abbreviations ...................................................46
Tab. 25. Revision history ...............................................46
Figures
Fig. 1.
Block diagram of PCF8553 ............................... 2
Fig. 2.
Pin configuration of PCF8553DTT
(TSSOP56) ........................................................3
Fig. 3.
Address counter incrementing ...........................5
Fig. 4.
Reset pulse timing ............................................ 9
Fig. 5.
Display RAM organization bitmap for MUX
1:4 ................................................................... 12
Fig. 6.
Example of displays suitable for PCF8553 ......13
Fig. 7.
Typical system configuration using I2C-bus,
internal power-on reset enabled ......................14
Fig. 8.
Typical system configuration using SPI-
bus, internal power-on reset disabled ............. 14
Fig. 9.
Electro-optical characteristic: relative
transmission curve of the liquid .......................17
Fig. 10.
Static drive mode waveforms .......................... 18
Fig. 11.
Waveforms for the 1:2 multiplex drive mode
with 1⁄2 bias .................................................... 19
Fig. 12.
Waveforms for the 1:2 multiplex drive mode
with 1⁄3 bias .................................................... 20
Fig. 13.
Waveforms for the 1:3 multiplex drive mode
with 1⁄3 bias .................................................... 21
Fig. 14.
Waveforms for the 1:4 multiplex drive mode
with 1⁄3 bias .................................................... 22
Fig. 15.
Recommended power-up and power-off
sequence .........................................................24
Fig. 16.
I2C read and write protocol .............................24
Fig. 17.
I2C read and write signaling ........................... 25
Fig. 18.
Data transfer overview .................................... 27
Fig. 19.
SPI-bus write example: writing two data
bytes to registers 00h and 01h ........................28
Fig. 20.
SPI-bus read example: reading two data
bytes from registers 04h and 05h ....................29
Fig. 21.
Device protection diagram .............................. 29
Fig. 22.
Typical IDD and IDD(LCD) in power-down
mode as function of temperature .................... 32
Fig. 23.
Typical IDD(LCD) as function of display
load ..................................................................33
Fig. 24.
Typical IDD(LCD) as function of ffr ..................34
Fig. 25.
Relation of frame frequency (ffr), clock
frequency (fclk) and multiplex-rate (nMUX) ..... 35
Fig. 26.
I2C-bus timing waveforms ...............................36
Fig. 27.
SPI-bus timing waveforms .............................. 37
Fig. 28.
Package outline SOT364-1 (TSSOP56) of
PCF8553DTT .................................................. 39
Fig. 29.
Temperature profiles for large and small
components .....................................................42
Fig. 30.
Footprint information for reflow soldering of
SOT364-1 (TSSOP56) of PCF8553DTT ......... 43
PCF8553
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 20 April 2021
50 / 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com