Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P701-17SC Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # P701-17SC
Description  Low EMI Spread Spectrum Multiplier Clock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P701-17SC Datasheet(HTML) 3 Page - PhaseLink Corporation

  P701-17SC Datasheet HTML 1Page - PhaseLink Corporation P701-17SC Datasheet HTML 2Page - PhaseLink Corporation P701-17SC Datasheet HTML 3Page - PhaseLink Corporation P701-17SC Datasheet HTML 4Page - PhaseLink Corporation P701-17SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PLL701-17
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 01/17/06 Page 3
2. DC/AC Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Voltage
VDD
2.97
3.63
V
Supply Current
IDD
15pF Load, FOUT=16MHz
9
mA
5pF Load, FOUT=200MHz
25
mA
Input High Voltage
VIH
0.7* VDD
V
Input Low Voltage
VIL
0.3* VDD
V
Input High Current
IIH
100
µA
Input Low Current
IIL
100
µA
Output High Voltage
VOH
IOH=5mA, VDD =3.3V
2.4
Output Low Voltage
VOL
IOL=6mA, VDD =3.3V
0.4
S3=0 or S3-S2=1-1
16
40
MHz
S3-S2-S1=1-0-1
24
50
MHz
Input Frequency
FIN
S3-S2-S1=1-0-0
24
60
MHz
Recovery from interruption of FIN
1
ms
Input Capacitance
Cin1
3
pF
Pull-up Resistor
Rpu
PIN 2, 3
30
k
Ω
Pull-down Resistor
Rpd
PIN 4, 7
30
k
Ω
Short Circuit Current
Isc
50
mA
No Load, FOUT=16MHz
7
mA
3.3V Dynamic Supply Current
IDD
No Load, FOUT=200MHz
21
mA
3. TIMING CHARACTERISTICS
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
10%~90%VDD, 15pF Load, FOUT≤100MHz
2
3
ns
10%~90%VDD, 10pF Load, FOUT≤150MHz
1.5
2
ns
Rise Time
Tr
10%~90%VDD, 5pF Load, FOUT≤200MHz
1
1.5
ns
90%~10%VDD, 15pF Load, FOUT≤100MHz
2
3
ns
90%~10%VDD, 10pF Load, FOUT≤150MHz
1.5
2
ns
Fall Time
Tf
90%~10%VDD, 5pF Load, FOUT≤200MHz
1
1.5
ns
Output Duty Cycle
DT
Measured at 50%VDD
45
50
55
%
Cycle to Cycle Jitter
Tcyc-cyc
Over output frequency range @ 3.3V
100
ps peak



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com