Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P701-17SC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # P701-17SC
Description  Low EMI Spread Spectrum Multiplier Clock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P701-17SC Datasheet(HTML) 1 Page - PhaseLink Corporation

  P701-17SC Datasheet HTML 1Page - PhaseLink Corporation P701-17SC Datasheet HTML 2Page - PhaseLink Corporation P701-17SC Datasheet HTML 3Page - PhaseLink Corporation P701-17SC Datasheet HTML 4Page - PhaseLink Corporation P701-17SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PLL701-17
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 01/17/06 Page 1
FEATURES
• Spread Spectrum Clock Generator with selectable
multiplier ( 1x, 2x, 2.94x and 4x ).
• Reference input frequency: 16MHz-60MHz.
• Output frequency ranges: 16MHz to 200MHz.
• Center Spread Modulation.
• TTL/CMOS compatible outputs.
• 3.3V Operating Voltage.
• Low short term jitter.
• Available in 8-Pin 150mil SOIC.
DESCRIPTION
The PLL701-17 is a Spread Spectrum Clock
Generator designed for the purpose of reducing EMI
in high-speed digital systems, with selectable Center
Spread modulation magnitude (see table below). The
multiplication factor can be selected from 4 multiplier
modes. The device operates over a wide range of
input frequencies and provides 1x, 2x. 2.94x and 4x
modulated clock outputs.
PIN CONFIGURATION
Note: v: 30k
Ω Internal Pull down. ^: 30kΩ Internal Pull up.
OUTPUT CLOCK (FOUT) SELECTION
Spread Spectrum Modulation
S3
S2
S1
S0
FIN Range
(MHz)
FOUT
Frequency
Magnitude
0
0
0
0
16 - 40
X1
±0.75%
0
0
0
1
16 - 40
X1
±1.00%
0
0
1
0
16 - 40
X1
±1.25%
0
0
1
1
16 - 40
X1
±1.50%
0
1
0
0
16 - 40
X2
±0.25%
0
1
0
1
16 - 40
X2
±0.50%
0
1
1
0
16 - 40
X2
±0.75%
0
1
1
1
16 - 40
X2
Fin / 512
±1.00%
1
0
0
0
24 - 60
X2
±1.25%
1
0
0
1
24 - 60
X2
±1.50%
1
0
1
0
24 - 50
X4
±0.25%
1
0
1
1
24 - 50
X4
Fin / 1024
±0.50%
1
1
0
0
16 - 40
X2.94
±0.25%
1
1
0
1
16 - 40
X2.94
±0.50%
1
1
1
0
16 - 40
X2.94
±0.75%
1
1
1
1
16 - 40
X2.94
Fin / 1000
±1.00%
1
2
3
45
6
7
8
FIN
S2^
S1^
S0v
VDD
FOUT
GND
S3v
FIN = 16 ~ 60 Mhz


Similar Part No. - P701-17SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P701-10DC PLL-P701-10DC Datasheet
235Kb / 8P
Low EMI Spread Spectrum Multiplier IC (in Die or Package)
P701-10XC PLL-P701-10XC Datasheet
235Kb / 8P
Low EMI Spread Spectrum Multiplier IC (in Die or Package)
P701-11SC PLL-P701-11SC Datasheet
199Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
P701-11SCL PLL-P701-11SCL Datasheet
199Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
P701-13SC PLL-P701-13SC Datasheet
194Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
More results

Similar Description - P701-17SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0113 ABRACON-ABE0113 Datasheet
50Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0121 ABRACON-ABE0121 Datasheet
50Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com